Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5506ACBZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5506ACBZ-R7
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506ACBZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5506ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 23Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Data Sheet
ADL5506
Rev. A | Page 19 of 23
Input Coupling Options
The internal 5 pF coupling capacitor of the ADL5506, along
with the low frequency input impedance of 1.7 kΩ, gives a high-
pass input corner frequency of approximately 19 MHz. This sets
the minimum operating frequency. Figure 46 to Figure 48 show
three options for input coupling. A broadband resistive match
can be implemented by connecting a shunt resistor to ground at
RFIN (see Figure 46). This 52.3 Ω resistor (other values can also
be used to select different overall input impedances) combines
with the input impedance of the AD5506 to give a broadband
input impedance of 50 Ω. While the input resistance and
capacitance (RIN and CIN) varies by a maximum of approximately
±20% from device to device, the dominance of the external
shunt resistor means that the variation in the overall input
impedance is close to the tolerance of the external resistor.
Achieve better return loss by placing the 52.3 Ω shunt resistor
as near the device under test (DUT) as possible.
A reactive match can also be implemented, as shown in Figure 47.
This is not recommended at low frequencies because device
tolerances dramatically vary the quality of the match due to the
large input resistance. For low frequencies, the option shown in
Figure 46 or Figure 48 is recommended.
In Figure 47, the matching components are drawn as general
reactances. Depending on the frequency, the input impedance
at that frequency and the availability of standard value components,
either a capacitor or an inductor, is used. As in the previous
case, the input impedance at a particular frequency is plotted on
a Smith Chart and matching components are chosen (Shunt or
Series L, or Shunt or Series C) to move the impedance to the center
of the chart. Matching components for specific frequencies can be
calculated using the Smith Chart (see Figure 17). Table 4 outlines
the input impedances for some commonly used frequencies.
The impedance matching characteristics of a reactive matching
network provide voltage gain ahead of the ADL5506, which
increases device sensitivity (see Table 4). The voltage gain is
calculated by
R1
R2
Gain
Voltage
dB
10
log
20
where:
R2 is the input impedance of the ADL5506.
R1 is the source impedance to which the ADL5506 is being
matched.
Note that this gain is only achieved for a perfect match. Component
tolerances and the use of standard values tend to reduce gain.
Figure 46. Broadband Resistive Method for Input Coupling
Figure 47. Narrow-Band Reactive Method for Input Coupling
Figure 48. Series Attenuation Method for Input Coupling
Figure 48 shows a third method for coupling the input signal
into the ADL5506 in applications where the input signal is
larger than the input range of the log amp. A series resistor,
connected to the RF source, combines with the input impedance of
the ADL5506 to resistively divide the input signal being applied
to the input. This has the advantage of very little power being
tapped off in RF power transmission applications.
Table 4. Input Impedance with 52.3 Ω Shunt for Select
Frequency
Frequency
S11
Impedance Ω
(GHz)
Real
Imaginary
(Series)
0.05
+0.0023
−0.031
50.14 − j3.10
0.1
−0.014
−0.033
48.48 − j3.21
0.9
−0.144
+0.007
37.37 − j0.51
1.9
−0.052
+0.282
38.66 − j23.73
2.2
+0.074
+0.329
45.89 − j34.09
2.5
+0.233
+0.312
61.85 − j45.48
3.0
+0.467
+0.096
131.91 − j32.64
3.5
+0.394
−0.305
81.58 − j66.25
Table 5. Raw Input Impedance for Select Frequency
Frequency
S11
Impedance Ω
(GHz)
Real
Imaginary
(Series)
0.1
+0.838
−0.251
131.9 − j281.59
0.9
−0.206
+0.714
11.41 − j36.33
1.9
−0.571
+0.397
9.84 + j15.11
2.2
−0.284
+0.639
12.42 + j31.05
2.5
+0.077
+0.699
18.87 − j52.17
3.0
+0.564
+0.407
72.70 + j114.52
3.5
+0.602
−0.099
186.70 − j58.55
RFIN
ADL5506
VBIAS
CIN
CC
RIN
ADL5506
50Ω SOURCE
RFIN
X2
X1
VBIAS
CIN
CC
RIN
50Ω
RFIN
STRIPLINE
ADL5506
VBIAS
CIN
CC
RIN
RATTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com