Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5506ACBZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5506ACBZ-R7
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506ACBZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5506ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Data Sheet
ADL5506
Rev. A | Page 9 of 23
TYPICAL PERFORMANCE CHARACTERISTICS
VPOS = 3 V, TA = +25°C (black), +85°C (red), 0°C (green), and −40°C (dark blue) where appropriate. CFLT = open, unless otherwise
noted. Input RF signal is a sine wave (CW), unless otherwise indicated. Error referred to slope and intercept at indicated calibration
points at 25°C. Power referenced to 50 Ω source and with a 52.3 Ω shunt matching resistor on the board. Distribution plots based upon
more than 50 devices.
Figure 3. Typical VLOG vs. PIN over Frequency at 25°C
Figure 4. Quiescent Supply Current vs. Temperature, 2.5 V to 5.5 V Supply
Voltage
Figure 5. Log Conformance Error vs. PIN over Supply Voltage and
Temperature at 900 MHz
Figure 6. Typical VLOG vs. Frequency for Five RF Input Levels at 25°C
Figure 7. Log Conformance Error vs. PIN over Supply Voltage and
Temperature at 100 MHz
Figure 8. Log Conformance Error vs. PIN over Supply Voltage and
Temperature at 1900 MHz
10
0
–10
–20
–30
–40
–50
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
PIN (dBm)
30MHz
50MHz
100MHz
450MHz
900MHz
1900MHz
2140MHz
2700MHz
3500MHz
4500MHz
120
100
80
60
40
20
0
–20
–40
5.5
5.0
4.5
4.0
3.5
3.0
2.5
TEMPERATURE (°C)
VPOS = 2.5V
VPOS = 3.0V
VPOS = 5.0V
VPOS = 5.5V
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
THREE-POINT CALIBRATION AT
–40dBm, –30dBm, AND –10dBm
2.7V, 3V, AND 3.3V ON TOP OF EACH OTHER
VPOS = 2.5V AT –40°C
VPOS = 2.5V AT +25°C
VPOS = 2.5V AT +85°C
VPOS = 3.0V AT –40°C
VPOS = 3.0V AT +25°C
VPOS = 3.0V AT +85°C
VPOS = 5.0V AT –40°C
VPOS = 5.0V AT +25°C
VPOS = 5.0V AT +85°C
VPOS = 5.5V AT –40°C
VPOS = 5.5V AT +25°C
VPOS = 5.5V AT +85°C
1000
100
10
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
FREQUENCY (MHz)
–5dBm
–15dBm
–25dBm
–35dBm
–45dBm
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
THREE-POINT CALIBRATION AT
–40dBm, –30dBm, AND –10dBm
2.7V, 3V, AND 3.3V ON TOP OF EACH OTHER
VPOS = 2.5V AT –40°C
VPOS = 2.5V AT +25°C
VPOS = 2.5V AT +85°C
VPOS = 3.0V AT –40°C
VPOS = 3.0V AT +25°C
VPOS = 3.0V AT +85°C
VPOS = 5.0V AT –40°C
VPOS = 5.0V AT +25°C
VPOS = 5.0V AT +85°C
VPOS = 5.5V AT –40°C
VPOS = 5.5V AT +25°C
VPOS = 5.5V AT +85°C
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
THREE-POINT CALIBRATION AT
–40dBm, –30dBm, AND –10dBm
2.7V, 3V, AND 3.3V ON TOP OF EACH OTHER
VPOS = 2.5V AT –40°C
VPOS = 2.5V AT +25°C
VPOS = 2.5V AT +85°C
VPOS = 3.0V AT –40°C
VPOS = 3.0V AT +25°C
VPOS = 3.0V AT +85°C
VPOS = 5.0V AT –40°C
VPOS = 5.0V AT +25°C
VPOS = 5.0V AT +85°C
VPOS = 5.5V AT –40°C
VPOS = 5.5V AT +25°C
VPOS = 5.5V AT +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com