Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5506ACBZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5506ACBZ-R7
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506ACBZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5506ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Data Sheet
ADL5506
Rev. A | Page 13 of 23
Figure 27. VLOG and Log Conformance Error vs. PIN over Temperature at
4500 MHz
Figure 28. Output Response to Gating on ENBL Pin for Various RF Input
Levels, Carrier Frequency = 900 MHz, CFLT = Open (see Figure 39 in the
Measurement Setups Section)
Figure 29. Output Response to RF Burst Input for Various RF Input Levels,
Carrier Frequency = 100 MHz, CFLT = Open (See Figure 40 in the Measurement
Setups Section)
Figure 30. Distribution of Log Conformance Error with Respect to VLOG at 25°C
vs. PIN and Temperature at 4500 MHz
Figure 31. Noise Spectral Density, CFLT = Open, 25°C
Figure 32. S11 at RF Input Port, 10 MHz to 4.5 GHz with 52.3 Ω Shunt Resistor
at RF Input Port
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
THREE-POINT CALIBRATION
AT –35dBm, –30dBm, AND –10dBm
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–4
–2
0
2
4
6
8
10
12
14
16
TIME (μs)
ENABLE PULSE
0dBm
–10dBm
–20dBm
–30dBm
–40dBm
RF PULSE GATING
0dBm
–10dBm
–20dBm
–30dBm
–40dBm
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
–0.5
–0.3
–0.1
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
TIME (µs)
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
CALIBRATION AT –30dBm AND –10dBm
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
0
50
100
150
200
250
300
350
400
450
500
10k
100k
1M
10M
FREQUENCY (Hz)
0dBm
–10dBm
–20dBm
–30dBm
–40dBm
–50dBm
–60dBm
NO SIGNAL
4
3
2
1
0
0
–5
–10
–15
–20
–25
–30
–35
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com