Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5902ACPZ-R2
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADL5902ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet
ADL5902
Rev. B | Page 3 of 28
SPECIFICATIONS
VS = 5 V, TA = 25°C, ZO = 50 Ω, single-ended input drive, RT = 60.4 Ω, VOUT connected to VSET, VTGT = 0.8 V, CLPF = 0.1 μF. Negative
current values imply that the ADL5902 is sourcing current out of the indicated pin.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
50 to 9000
MHz
RF INPUT INTERFACE
Pins INHI, INLO, ac-coupled
Input Impedance
Single-ended drive, 50 MHz
2000
Ω
Common Mode Voltage
2.5
V
100 MHz
±1.0 dB Dynamic Range
CW input, TA = +25°C, VTADJ = 0.5 V
63
dB
Maximum Input Level, ±1.0 dB
Calibration at −60 dBm, −45 dBm, and 0 dBm
3
dBm
Minimum Input Level, ±1.0 dB
Calibration at −60 dBm, −45 dBm, and 0 dBm
−60
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = 0 dBm
−0.11/+0.25
dB
−40°C < TA < +85°C; PIN = −45 dBm
−0.22/+0.15
dB
−40°C < TA < +125°C; PIN = 0 dBm
−0.35/+0.25
dB
−40°C < TA < +125°C; PIN = −45 dBm
−0.22/+0.15
dB
Logarithmic Slope
−45 dBm < PIN < 0 dBm; calibration at −45 dBm
and 0 dBm
53.8
mV/dB
Logarithmic Intercept
−45 dBm < PIN < 0 dBm; calibration at −45 dBm
and 0 dBm
−62.1
dBm
700 MHz
±1.0 dB Dynamic Range
CW input, TA = +25°C,VTADJ = 0.4 V
61
dB
Maximum Input Level, ±1.0 dB
Calibration at −60 dBm, −45 dBm, and 0 dBm
1
dBm
Minimum Input Level, ±1.0 dB
Calibration at −60 dBm, −45 dBm, and 0 dBm
−60
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = 0 dBm
+0.3/−0.2
dB
−40°C < TA < +85°C; PIN = −45 dBm
−0.1/0
dB
−40°C < TA < +125°C; PIN = 0 dBm
+0.3/−0.4
dB
−40°C < TA < +125°C; PIN = −45 dBm
−0.1/0
dB
Logarithmic Slope
−45 dBm < PIN < 0 dBm; calibration at −45 dBm
and 0 dBm
53.7
mV/dB
Logarithmic Intercept
−45 dBm < PIN < 0 dBm; calibration at −45 dBm
and 0 dBm
−62.8
dBm
900 MHz
±1.0 dB Dynamic Range
CW input, TA = +25°C, VTADJ = 0.4 V
61
dB
Maximum Input Level, ±1.0 dB
Calibration at −60 dBm, −45 dBm, and 0 dBm
1
dBm
Minimum Input Level, ±1.0 dB
Calibration at −60 dBm, −45 dBm, and 0 dBm
−60
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = 0 dBm
+0.3/−0.2
dB
−40°C < TA < +85°C; PIN = −45 dBm
0/−0.1
dB
−40°C < TA < +125°C; PIN = 0 dBm
+0.3/−0.4
dB
−40°C < TA < +125°C; PIN = −45 dBm
0/−0.1
dB
Logarithmic Slope
−45 dBm < PIN < 0 dBm; calibration at −45 dBm
and 0 dBm
53.7
mV/dB
Logarithmic Intercept
−45 dBm < PIN < 0 dBm; calibration at −45 dBm
and 0 dBm
−62.7
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com