Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R2 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5902ACPZ-R2
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R2 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5902ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 26Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 27Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 28Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
ADL5902
Data Sheet
Rev. B | Page 24 of 28
SYSTEM CALIBRATION AND ERROR CALCULATION
The measured transfer function of the ADL5902 at 2.14 GHz is
shown in Figure 50, which contains plots of both output voltage
vs. input amplitude (power) and calculated error vs. input level. As
the input level varies from −62 dBm to +3 dBm, the output
voltage varies from ~0.25 V to ~3.5 V.
0
1
2
3
4
5
6
–70
–60
–50
–40
–30
–20
–10
10
0
VOUT
ERROR 2-POINT CAL AT 0dBm, AND 40dBm
ERROR 3-POINT CAL AT 0 dBm,
–45dBm, AND 60dBm
ERROR 4-POINT CAL AT 0dBm, –20dBm,
–45dBm, AND –60dBm
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
PIN (dBm)
Figure 50. 2.14 GHz Transfer Function, Using Various Calibration Techniques
Because slope and intercept vary from device to device, board-
level calibration must be performed to achieve high accuracy.
The equation for the idealized output voltage can be written as
VOUT(IDEAL) = Slope × (PIN − Intercept)
(18)
where:
Slope is the change in output voltage divided by the change in
input power (dB).
Intercept is the calculated input power level at which the output
voltage is 0 V (note that Intercept is an extrapolated theoretical
value not a measured value).
In general, calibration is performed during equipment manu-
facture by applying two or more known signal levels to the
input of the ADL5902 and measuring the corresponding output
voltages. The calibration points are generally within the linear-
in-dB operating range of the device.
With a two-point calibration, the slope and intercept are
calculated as follows:
Slope = (VOUT1 − VOUT2)/(PIN1 − PIN2)
(19)
Intercept = PIN1 − (VOUT1/Slope)
(20)
After the slope and intercept are calculated and stored in non-
volatile memory during equipment calibration, an equation can
calculate an unknown input power based on the output voltage
of the detector.
PIN (Unknown) = (VOUT1(MEASURED)/Slope) + Intercept
(21)
The log conformance error is the difference between this
straight line and the actual performance of the detector.
Error (dB) = (VOUT(MEASURED) − VOUT(IDEAL))/Slope
(22)
Figure 50 includes a plot of this error when using a two-point
calibration (calibration points are 0 dBm and −40 dBm). The
error at the calibration points (in this case, −40 dBm and 0 dBm)
is equal to 0 by definition.
The residual nonlinearity of the transfer function that is
apparent in the two-point calibration error plot can be reduced
by increasing the number of calibration points. Figure 50 shows
the postcalibration error plots for three-point and four-point
calibrations. With a multipoint calibration, the transfer function
is segmented, with each segment having a slope and intercept.
Multiple known power levels are applied, and multiple voltages are
measured. When the equipment is in operation, the measured
voltage from the detector first determines which of the stored
slope and intercept calibration coefficients are to be used. Then
the unknown power level is calculated by inserting the
appropriate slope and intercept into Equation 21.
Figure 51 shows the output voltage and error at 25°C and over
temperature when a four-point calibration is used (calibration
points are 0 dBm, −20 dBm, −45 dBm, and −60 dBm). When
choosing calibration points, there is no requirement for, or
value, in equal spacing between the points. There is also no
limit to the number of calibration points used. However, using
more calibration points increases calibration time.
0
1
2
3
4
5
6
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
–70
–60
–50
–40
–30
–20
–10
10
0
PIN (dBm)
+85°C VOUT
+25°C VOUT
–40°C VOUT
+85°C ERROR 4-POINT CAL
+25°C ERROR 4-POINT CAL AT 0dBm,
–20dBm, –45dBm, AND –60dBm
–40°C ERROR 4-POINT CAL
Figure 51. 2.14 GHz Transfer Function and Error at +25°C, −40°C, and +85°C
Using a Four-Point Calibration (0 dBm, −20 dBm, −45 dBm, −60 dBm)
The −40°C and +85°C error plots in Figure 51 are generated
using the 25°C calibration coefficients. This is consistent with
equipment calibration in a mass production environment where
calibration at just a single temperature is practical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com