Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5902ACPZ-R2
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5902ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
ADL5902
Data Sheet
Rev. B | Page 12 of 28
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–60
–50
–40
–30
–20
–10
0
10
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
VOUT CW PEP = 0dB
VOUT QPSK PEP = 2.76
VOUT 16 QAM PEP = 5.13
VOUT CDMA2000 PEP = 11.02
ERROR CW
ERROR QPSK
ERROR 16 QAM
ERROR CDMA2000
PIN (dBm)
Figure 21. Error from CW Linear Reference vs. Signal Modulation,
Frequency = 900 MHz, CLPF = 0.1μF, Three-Point Calibration at 0 dBm,
−45 dBm, and −60 dBm
0
1
2
3
4
5
6
–1
0123456
789
TIME (µs)
RF ENVELOPE
0dBm
–10dBm
–20dBm
–30dBm
–40dBm
Figure 22. Output Response to RF Burst Input, Carrier Frequency 2.14 GHz,
CLPF = 220 pF, Rising Edge
0
1
2
3
4
5
6
–200
0
200
400
600
800 1000 1200 1400 1600 1800
TIME (µs)
RF ENVELOPE
0dBm
–10dBm
–20dBm
–30dBm
–40dBm
Figure 23. Output Response to RF Burst Input, Carrier Frequency 2.14 GHz,
CLPF = 0.1 μF, Rising Edge
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–60
–50
–40
–30
–20
–10
0
10
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
PIN (dBm)
VOUT CW PEP = 0dB
VOUT 64 QAM PEP = 6.2dB
VOUT 1CR W-CDMA PEP = 10.56dB
VOUT 4CR W-CDMA
VOUT LTE TM1 1CR 20MHz PEP = 11.58dB
ERROR CW
ERROR 64 QAM
ERROR 1CR W-CDMA
ERROR 4CR W-CDMA
ERROR LTE TM1 1CR 20MHz
Figure 24. Error from CW Linear Reference vs. Signal Modulation,
Frequency = 2.14 GHz, CLPF = 0.1 μF, Three-Point Calibration at −10 dBm,
−45 dBm, and −60 dBm
0
1
2
3
4
5
6
–4
0
4
8
12
16202428
3236
TIME (µs)
RF ENVELOPE
0dBm
–10dBm
–20dBm
–30dBm
–40dBm
Figure 25. Output Response to RF Burst Input, Carrier Frequency 2.14 GHz,
CLPF = 220 pF, Falling Edge
0
1
2
3
4
5
6
–2000
0
2000
4000
6000
8000 10,000 12,000 14,000 16,000 18,000
TIME (µs)
RF ENVELOPE
0dBm
–10dBm
–20dBm
–30dBm
–40dBm
Figure 26. Output Response to RF Burst Input, Carrier Frequency 2.14 GHz,
CLPF = 0.1 μF, Falling Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com