Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5902ACPZ-R2
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5902ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Data Sheet
ADL5902
Rev. B | Page 19 of 28
VTGT INTERFACE
The target voltage can be set with an external source or by
connecting the VREF pin (nominally 2.3 V) to the VTGT pin
through a resistive voltage divider. With 0.8 V on the VTGT pin,
the rms voltage that must be provided by the VGA to balance the
AGC feedback loop is 0.8 V × 0.05 = 40 mV rms. Most of the
characterization information in this data sheet was collected at
VTGT = 0.8 V. Voltages higher and lower than this can be used;
however, doing so increases or decreases the gain at the internal
squaring cell, which results in a corresponding increase or decrease
in intercept. This, in turn, affects the sensitivity and the usable
measurement range, in addition to the sensitivity to different
carrier modulation schemes. As VTGT decreases, the squaring
circuits produce more noise; this becomes noticeable in the output
response at low input signal amplitudes. As VTGT increases,
measurement error due to modulation increases and temperature
drift tends to decrease. The chosen VTGT value of 0.8 V represents a
compromise between these characteristics.
VTGT
50kΩ
50kΩ
10kΩ
ESD
ESD
ESD
VPOS
COMM
g × X2
ITGT
Figure 44. VTGT Interface
BASIS FOR ERROR CALCULATIONS
The slope and intercept used in the error plots are calculated using
the coefficients of a linear regression performed on data collected
in the central operating range. The error plots in the Typical
Performance Characteristics section are shown in two formats:
error from the ideal line and error with respect to the 25°C output
voltage. The error from the ideal line is the decibel difference in
VOUT from the ideal straight-line fit of VOUT calculated by the
linear-regression fit over the linear range of the detector, typically
at 25°C. The error in decibels is calculated by
Error (dB) = (VOUT − Slope × (PIN − PZ))/Slope
(15)
where PZ is the x-axis intercept expressed in decibels relative to
1 milliwatt (the input amplitude produces a 0 V output if such an
output is possible).
The error from the ideal line is not a measure of absolute accuracy
because it is calculated using the slope and intercept of each device.
However, it verifies the linearity and the effect of temperature
and modulation on the response of the device.
An example of this type of plot is Figure 3. The slope and
intercept that form the ideal line are those at 25°C with CW
modulation. Figure 21 and Figure 24 show the error with various
popular forms of modulation with respect to the ideal CW line.
This method for calculating error is accurate, assuming that
each device is calibrated at room temperature.
In the second plot format, the VOUT voltage at a given input
amplitude and temperature is subtracted from the corresponding
VOUT at 25°C and then divided by the 25°C slope to obtain an error
in decibels. This type of plot does not provide any information
on the linear-in-dB performance of the device; it merely shows
the decibel equivalent of the deviation of VOUT over temperature,
given a calibration at 25°C. When calculating error from any
one particular calibration point, this error format is accurate. It
is accurate over the full range shown on the plot assuming that
enough calibration points are used. Figure 6 shows this plot type.
The error calculations for Figure 30 are similar to those for the
VOUT plots. The slope and intercept of the VTEMP function vs.
temperature are determined and applied as follows:
Error (°C) = (VTEMP − Slope × (Temp − TZ))/Slope
(16)
where:
TZ is the x-axis intercept expressed in degrees Celsius (the temp-
erature that results in a VTEMP of 0 V if possible).
Temp is the ambient temperature of the ADL5902 in degrees
Celsius.
Slope is, typically, 4.9 mV/°C.
VTEMP is the voltage at the TEMP pin at that temperature.
MEASUREMENT MODE BASIC CONNECTIONS
Figure 45 shows the basic connections for operating the ADL5902
as they are implemented on the device evaluation board. The
ADL5902 requires a single supply of nominally 5 V. The supply
is connected to the two VPOS supply pins. These pins must
each be decoupled using the two capacitors with values equal or
similar to those shown in Figure 45. These capacitors must be
placed as close as possible to the VPOS pins.
An external 60.4 Ω resistor (R3) combines with the relatively high
RF input impedance of the ADL5902 to provide a broadband 50 Ω
match. An ac coupling capacitor must be placed between this
resistor and INHI. The INLO input must be ac-coupled to ground
using the same value capacitor. Because the ADL5902 has a
minimum input operating frequency of 50 MHz, 100 pF ac
coupling capacitors can be used.
The ADL5902 is placed in measurement mode by connecting
VOUT to VSET. In measurement mode, the output voltage is
proportional to the log of the rms input signal level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com