Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5902ACPZ-R2
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5902ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
ADL5902
Data Sheet
Rev. B | Page 14 of 28
0
1
2
3
4
5
6
7
–4
0
4
8
12
16
20
24
28
32
TIME (µs)
TADJ/PWDN PULSE
0dBm
–10dBm
–20dBm
–30dBm
–40dBm
Figure 33. Output Response Using Power-Down Mode for Various RF Input
Levels Carrier Frequency 2.14 GHz, CLPF = 220 pF
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
012
3456789
FREQUENCY (GHz)
–10dBm
–30dBm
Figure 34. Typical VOUT vs. Frequency for Two RF Input Amplitudes,
50 MHz to 9 GHz
0
20
40
60
80
100
120
140
160
180
200
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 35. Noise Spectral Density of VOUT, RF Input = −20 dBm, All CLPF Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com