Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # ADL5902ACPZ-R2
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADL5902ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 26Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 27Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 28Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
ADL5902
Data Sheet
Rev. B | Page 26 of 28
EVALUATION BOARD SCHEMATICS AND ARTWORK
X2
X2
BIAS AND POWER-
DOWN CONTROL
1
NC
NC
NC
LINEAR-IN-dB VGA
(NEGATIVE SLOPE)
IDET
26pF
2
3
4
11
10
9
5
6
7
8
16
15
14
13
ADL5902
12
VREF
2.3V
TEMPERATURE
SENSOR
INLO
INHI
VPOS
POS
TEMP
(BLACK)
GND
(BLACK)
VSET
(BLACK)
VOUT
(BLACK)
VTGT
(BLACK)
VREF
(BLACK)
TEMP
VSET
VOUT
CLPF
COMM
COMM
VTGT
VREF
TADJ/PWDN
G = 5
ITGT
R3
60.4Ω
C10
100pF
C12
100pF
VPOS
+5V
(RED)
C4
100pF
C3
0.1µF
C5
100pF
C7
0.1µF
R11
2kΩ
R10
3.74kΩ
R12
301Ω
R9
1430Ω
C9
10µF
RFIN
R2
OPEN
R6
0Ω
R1
0Ω
R15
OPEN
TC2 PWDN
(BLACK)
Figure 54. Evaluation Board Schematic
Table 8. Evaluation Board Configuration Options
Component
Function/Notes
Default Value
C10, C12, R3
RF input. The ADL5902 is generally driven single-ended. R3 is the input termination resistor and is
chosen to give a 50 Ω input impedance over a broad frequency range.
C10 = C12 = 100 pF
R3 = 60.4 Ω
R10, R11
VTGT interface. R10 and R11 are set up to provide 0.8 V to VTGT derived from VREF.
R10 = 3.74 kΩ,
R11 = 2 kΩ
C4, C5, C7, C3
Power supply decoupling. The nominal supply decoupling consists of two pairs of 100 pF and
0.1 μF capacitors placed close to the two power supply pins of the ADL5902.
C4 = C5 = 100 pF,
C7 = C3 = 0.1 μF
R1, R15, R2,
R6
Output interface. In measurement mode, a portion of the voltage at the VOUT pin is fed back to
the VSET pin via R6. Using the voltage divider created by R2 and R6, the magnitude of the slope
of VOUT is increased by reducing the portion of VOUT that is fed back to VSET. In controller mode, R6
must be open. In this mode, the ADL5902 can control the gain of an external component. A
setpoint voltage is applied to the VSET pin, the value of which corresponds to the desired RF input
signal level applied to the ADL5902.
R1 = R6= 0 Ω,
R2 = R15 = open
C9
Low-pass filter capacitors, CLPF. The low-pass filter capacitor provides the averaging for the
ADL5902 rms computation.
C9 = 0.1 μF
R9, R12
TADJ/PWDN. The TADJ/PWDN pin controls the amount of nonlinear intercept temperature
compensation and/or shuts down the device. The evaluation board is configured with TADJ
connected to VREF through a resistor divider (R9, R12).
R9 = 1430 Ω
R12 = 301 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com