Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5902ACPZ-R2
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5902ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Data Sheet
ADL5902
Rev. B | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, ZO = 50 Ω, single-ended input drive, VOUT connected to VSET, VTGT = 0.8 V, CLPF = 0.1 μF, TA = +25°C (black), −40°C (blue),
+85°C (red), +125°C (orange) where appropriate. Error referred to the best fit line (linear regression) from − 10 dBm to − 40 dBm, unless
otherwise indicated. Input RF signal is a sine wave (CW), unless otherwise indicated.
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
TADJ = 0.5V
CALIBRATION AT 0dBm, –45dBm, AND –60dBm
Figure 3. Typical VOUT and Log Conformance Error with Respect to 25°C Ideal
Line over Temperature vs. Input Amplitude at 100 MHz, CW
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
TADJ = 0.4V
CALIBRATION AT 0dBm, –45dBm, AND –60dBm
Figure 4. Typical VOUT and Log Conformance Error with Respect to 25°C Ideal
Line over Temperature vs. Input Amplitude at 700 MHz, CW
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
TADJ = 0.4V
CALIBRATION AT 0dBm, –45dBm, AND –60dBm
Figure 5. Typical VOUT and Log Conformance Error with Respect to 25°C Ideal
Line over Temperature vs. Input Amplitude at 900 MHz, CW
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
VTADJ = 0.5V
REPRESENTS 55 DEVICES FROM 2 LOTS
Figure 6. Distribution of Error with Respect to 25°C over Temperature vs.
Input Amplitude, CW, Frequency = 100 MHz
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
VTADJ = 0.4V
REPRESENTS 55 DEVICES FROM 2 LOTS
Figure 7. Distribution of Error with Respect to 25°C over Temperature vs.
Input Amplitude, CW, Frequency = 700 MHz
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
VTADJ = 0.4V
REPRESENTS 55 DEVICES FROM 2 LOTS
Figure 8. Distribution of Error with Respect to 25°C over Temperature vs.
Input Amplitude, CW, Frequency = 900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com