Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5902ACPZ-R2
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5902ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ADL5902
Data Sheet
Rev. B | Page 6 of 28
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
TEMPERATURE REFERENCE
TEMP (Pin 8)
Output Voltage
TA = 25°C, RL ≥ 10 kΩ
1.4
V
Temperature Coefficient
−40°C ≤ TA ≤ +125°C, RL ≥ 10 kΩ
4.9
mV/°C
Short-Circuit Current Source/ Sink
Capability
25°C ≤ TA ≤ 125°C
4/0.05
mA
−40°C ≤ TA < +25°C
3/0.05
mA
Voltage Regulation
TA = 25°C, ILOAD = 1 mA
−2.8
%
RMS TARGET INTERFACE
VTGT (Pin 12)
Input Voltage Range
0.2
2.5
V
Input Bias Current
VTGT = 0.8 V
8
μA
Input Resistance
100
kΩ
POWER-DOWN INTERFACE
Pin TADJ/PWDN (Pin 1)
Voltage Level to Enable
VPWDN decreasing
4
V
Voltage Level to Disable
VPWDN increasing
4.9
V
Input Current
VPWDN = 5 V
1
μA
VPWDN = 4.5 V
500
μA
VPWDN = 0 V
3
μA
Enable Time
VTADJ low to VOUT at 1 dB of final value,
CLPA/B = 220 pF, PIN = 0 dBm
5
μs
Disable Time
VTADJ high to VOUT at 1 dB of final value,
CLPA/B = 220 pF, PIN = 0 dBm
3
μs
POWER SUPPLY INTERFACE
VPOS (Pin 3, Pin 10)
Supply Voltage
4.5
5
5.5
V
Quiescent Current
TA = 25°C, PIN < −60 dBm
73
mA
TA = 125°C, PIN < −60 dBm
90
mA
Power-Down Current
VTADJ > VS − 0.1 V
300
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com