Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5902ACPZ-R2
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5902ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
ADL5902
Data Sheet
Rev. B | Page 20 of 28
X2
X2
BIAS AND POWER-
DOWN CONTROL
1
NC
NC
NC
LINEAR-IN-dB VGA
(NEGATIVE SLOPE)
IDET
26pF
2
3
4
11
10
9
5
6
7
8
16
15
14
13
ADL5902
12
VREF
2.3V
TEMPERATURE
SENSOR
INLO
INHI
VPOS
POS
TEMP
(BLACK)
GND
(BLACK)
VSET
(BLACK)
VOUT
(BLACK)
VTGT
(BLACK)
VREF
(BLACK)
TEMP
VSET
VOUT
CLPF
COMM
COMM
VTGT
VREF
TADJ/PWDN
G = 5
ITGT
R3
60.4Ω
C10
100pF
C12
100pF
VPOS
+5V
(RED)
C4
100pF
C3
0.1µF
C5
100pF
C7
0.1µF
R11
2kΩ
R10
3.74kΩ
R12
301Ω
R9
1430Ω
C9
10µF
RFIN
R2
OPEN
R6
0Ω
R1
0Ω
R15
OPEN
TC2 PWDN
(BLACK)
Figure 45. Basic Connections for Operation in Measurement Mode
SETTING VTADJ
As discussed in the Theory of Operation section, the output
temperature drift must be compensated by applying a voltage to
the TADJ pin. The compensating voltage varies with frequency.
The voltage for the TADJ pin can be easily derived from a resistor
divider connected to the VREF pin. Table 5 shows the recom-
mended VTADJ for operation from −40°C to +85°C, along with
resistor divider values. Resistor values are chosen so that they
neither pull too much current from VREF (VREF short-circuit
current is 4 mA) nor are so large that the TADJ pin bias current of
3 μA affects the resulting voltage at the TADJ pin.
Table 5. Recommended VTADJ for Selected Frequencies
Frequency
VTADJ (V)
R9 (Ω)
R12 (Ω)
100 MHz
0.5
1430
402
700 MHz to 2.14 GHz
0.4
1430
301
2.6 GHz
0.45
1430
348
3.5 GHz
0.5
1430
402
5.8 GHz
0.95
1430
1007
SETTING VTGT
As discussed in the Theory of Operation section, setting the
voltage on VTGT to 0.8 V represents a compromise between
achieving excellent rms compliance and maximizing dynamic
range. The voltage on VTGT can be derived from the VREF pin
using a resistor divider as shown Figure 45 (Resistor R10 and
Resistor R11). Like the resistors chosen to set the VTADJ voltage,
the resistors setting VTGT must have reasonable values that do
not pull too much current from VREF or cause bias current
errors. Also, attention must be paid to the combined current
that VREF must deliver to generate the VTADJ and VTGT voltages.
This current must be kept well below the VREF short-circuit
current of 4 mA.
CHOOSING A VALUE FOR CLPF
CLPF (C9 in Figure 45) provides the averaging function for the
internal rms computation. Using the minimum value for CLPF
allows the quickest response time to a pulsed waveform but
leaves significant output noise on the output voltage signal. By
the same token, a large filter cap reduces output noise but at the
expense of response time.
For non response-time critical applications, a relatively large
capacitor can be placed on the CLPF pin. In Figure 45, a value
of 0.1 μF is used. For most signal modulation schemes, this
value ensures excellent rms measurement compliance and low
residual output noise. There is no maximum capacitance limit
for CLPF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com