Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20H Datasheet(PDF) 10 Page - STMicroelectronics

Part # L3GD20H
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20H Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L3GD20H Datasheet HTML 6Page - STMicroelectronics L3GD20H Datasheet HTML 7Page - STMicroelectronics L3GD20H Datasheet HTML 8Page - STMicroelectronics L3GD20H Datasheet HTML 9Page - STMicroelectronics L3GD20H Datasheet HTML 10Page - STMicroelectronics L3GD20H Datasheet HTML 11Page - STMicroelectronics L3GD20H Datasheet HTML 12Page - STMicroelectronics L3GD20H Datasheet HTML 13Page - STMicroelectronics L3GD20H Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Mechanical and electrical specifications
L3GD20H
10/52
DocID023469 Rev 2
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
@ Vdd = 3.0 V, T = 25 °C unless otherwise noted
(a)
.
a.
The product is factory calibrated at 3.0 V. The operational power supply range is specified in
Table 4.
Table 3. Mechanical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
FS
Measurement range
User selectable
±245
±500
±2000
dps
So
Sensitivity
8.75
17.50
70.00
mdps/digit
SoDr
Sensitivity change vs.
temperature
(2)
From -40 °C to +85 °C
Delta from T = 25 °C
±2
%
DVoff
Digital Zero-rate level
FS = 2000 dps
±25
dps
OffDr
Zero-rate level change
vs temperature
(3)
FS = 2000 dps
±0.04
dps/°C
NL
Non linearity
(3)
Best fit straight line
0.2
% FS
Rn
Rate noise density
(3)
BW = 50 Hz
0.011
ODR
Digital output data
rate
(3)
11.9/23.7/
47.3/94.7/
189.4/
378.8/
757.6
Hz
Top
Operating temperature
range
-40
+85
°C
1.
Typical specifications are not guaranteed.
2.
Guaranteed by design.
3.
The period (1/ODR), length of time between two consecutive sampling, must be derived by the reciprocal of the maximum.
and minimum ODR limits: for example for ODR = 189.4 Hz, sampling period range will be within [4591
μs, 6211 μs] (where
ODR minimum and maximum have been approximated at 162 Hz, 219 Hz respectively).
dps/
H z
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com