Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20H Datasheet(PDF) 1 Page - STMicroelectronics

Part # L3GD20H
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20H Datasheet(HTML) 1 Page - STMicroelectronics

  L3GD20H Datasheet HTML 1Page - STMicroelectronics L3GD20H Datasheet HTML 2Page - STMicroelectronics L3GD20H Datasheet HTML 3Page - STMicroelectronics L3GD20H Datasheet HTML 4Page - STMicroelectronics L3GD20H Datasheet HTML 5Page - STMicroelectronics L3GD20H Datasheet HTML 6Page - STMicroelectronics L3GD20H Datasheet HTML 7Page - STMicroelectronics L3GD20H Datasheet HTML 8Page - STMicroelectronics L3GD20H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
This is information on a product in full production.
March 2013
DocID023469 Rev 2
1/52
52
L3GD20H
MEMS motion sensor:
three-axis digital output gyroscope
Datasheet - production data
Features
• Wide supply voltage, 2.2 V to 3.6 V
• Wide extended operating temperature range
(from -40 °C to 85 °C)
• Low voltage compatible IOs, 1.8 V
• Low power consumption
• Embedded power-down
• Sleep mode
• Fast turn-on and wake-up
• Three selectable full scales up to 2000 dps
• 16 bit rate value data output
• 8 bit temperature data output
• I2C/SPI digital output interface
• 2 dedicated lines (1 interrupt, 1 data ready)
• User enable integrated high-pass filters
• Embedded temperature sensor
• Embedded 32 levels of 16 bit data output FIFO
• High shock survivability
• ECOPACK® RoHS and “Green” compliant
Applications
• Gaming and virtual reality input devices
• Motion control with MMI (man-machine
interface)
• GPS navigation systems
• Appliances and robotics
Description
The L3GD20H is a low-power three-axis angular
rate sensor.
It includes a sensing element and an IC interface
able to provide the measured angular rate to the
external world through digital interface (I
2
C/SPI).
The sensing element is manufactured using a
dedicated micromachining process developed by
ST to produce inertial sensors and actuators on
silicon wafers.
The IC interface is manufactured using a CMOS
process that allows a high level of integration to
design a dedicated circuit which is trimmed to
better match the sensing element characteristics.
The L3GD20H has a full scale of
±245/±500/±2000 dps and is capable of
measuring rates with a user selectable
bandwidth.
The L3GD20H is available in a plastic land grid
array (LGA) package and can operate within a
temperature range from -40 °C to +85 °C.
LGA-16 (3x3x1 mm)
Table 1. Device summary
Order code
Temperature range (°C)
Package
Packing
L3GD20H
-40 to +85
LGA-16 (3x3x1)
Tray
L3GD20HTR
-40 to +85
LGA-16 (3x3x1)
Tape and reel
www.st.com


Similar Part No. - L3GD20H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
MEMS motion sensor: three-axis digital output gyroscope
18-Aug-2011
L3GD20TR STMICROELECTRONICS-L3GD20TR Datasheet
1Mb / 44P
MEMS motion sensor: three-axis digital output gyroscope
18-Aug-2011
More results

Similar Description - L3GD20H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
MEMS motion sensor: three-axis digital output gyroscope
11-Feb-2010
LPY550AL STMICROELECTRONICS-LPY550AL Datasheet
227Kb / 12P
MEMS motion sensor: dual axis pitch and yaw ±500°/s analog output gyroscope
06-Jul-2009
LPY5150AL STMICROELECTRONICS-LPY5150AL Datasheet
229Kb / 12P
MEMS motion sensor: dual axis pitch and yaw ±1500°/s analog output gyroscope
06-Jul-2009
L3G4200D_1012 STMICROELECTRONICS-L3G4200D_1012 Datasheet
1Mb / 42P
MEMS motion sensor: ultra-stable three-axis digital output gyroscope
22-Dec-2010
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
MEMS motion sensor: three-axis digital output gyroscope
18-Aug-2011
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
MEMS motion sensor: 3-axis digital output gyroscope
14-Feb-2012
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
L2G3IS STMICROELECTRONICS-L2G3IS Datasheet
696Kb / 26P
MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
05-Dec-2013
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
L3G4IS STMICROELECTRONICS-L3G4IS Datasheet
478Kb / 24P
MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
22-Dec-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com