Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20H Datasheet(PDF) 37 Page - STMicroelectronics

Part # L3GD20H
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20H Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L3GD20H Datasheet HTML 33Page - STMicroelectronics L3GD20H Datasheet HTML 34Page - STMicroelectronics L3GD20H Datasheet HTML 35Page - STMicroelectronics L3GD20H Datasheet HTML 36Page - STMicroelectronics L3GD20H Datasheet HTML 37Page - STMicroelectronics L3GD20H Datasheet HTML 38Page - STMicroelectronics L3GD20H Datasheet HTML 39Page - STMicroelectronics L3GD20H Datasheet HTML 40Page - STMicroelectronics L3GD20H Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
DocID023469 Rev 2
37/52
L3GD20H
Register description
Combination of
PD, Zen, Yen, Xen are used to set device in different modes (power down /
normal / sleep mode) according with the following table.
Table 21. DR and BW configuration setting
Low_ODR(1)
1.
this bit is described in register LOW_ODR (39h register).
DR <1:0>
BW <1:0>
ODR [Hz]
Cut-Off [Hz](2)
2.
values in the table are indicative and they can vary proportionally with the specific ODR value.
1
000012.5
n.a.
1
000112.5
n.a.
1
001012.5
n.a.
100
11
12.5
n.a.
1
010025
n.a.
1
010125
n.a.
1
011025
n.a.
101
11
25
n.a.
11X
00
50
16.6
11X
01
50
16.6
11X
10
50
16.6
11X
11
50
16.6
0
0000100
12.5
0
0001100
25
0
0010100
25
000
11
100
25
0
0100200
12.5
0
0101200
-
0
0110200
-
001
11
200
70
0
1000400
20
0
1001400
25
0
1010400
50
010
11
400
110
011
00
800
30
011
01
800
35
011
10
800
-
0
1111800
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com