Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20H Datasheet(PDF) 40 Page - STMicroelectronics

Part # L3GD20H
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20H Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L3GD20H Datasheet HTML 36Page - STMicroelectronics L3GD20H Datasheet HTML 37Page - STMicroelectronics L3GD20H Datasheet HTML 38Page - STMicroelectronics L3GD20H Datasheet HTML 39Page - STMicroelectronics L3GD20H Datasheet HTML 40Page - STMicroelectronics L3GD20H Datasheet HTML 41Page - STMicroelectronics L3GD20H Datasheet HTML 42Page - STMicroelectronics L3GD20H Datasheet HTML 43Page - STMicroelectronics L3GD20H Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
Register description
L3GD20H
40/52
DocID023469 Rev 2
7.6
CTRL5 (24h)
FS1-FS0
Full scale selection. Default value: 00
(00: 245 dps; 01: 500 dps; 1x: 2000 dps)
IMPen
Level sensitive latched enable. Default value: 0
(0: level sensitive latched disabled; 1: level sensitive latched enabled)
ST2-ST1
Self-test enable. Default value: 00
00 = normal mode (default)
01 = self-test 0 (+)
10 = unused
11 = self-test 1(-)
SIM
SPI Serial Interface Mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface).
Table 30. CTRL4 description (continued)
Table 31. CTRL5 register
BOOT
FIFO_EN
StopOnFTH
HPen
IG_Sel1
IG_Sel0
Out_Sel1
Out_Sel0
Table 32. CTRL5 description
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content
(1)
)
1.
Boot request is executed as soon as internal oscillator is turned-on. It is possibile to set bit while in Power-
down mode, in this case it will be served at the next normal mode or sleep mode.
FIFO_EN
FIFO enable. Default value: 0
(0: FIFO disable; 1: FIFO Enable)
StopOnFTH
Sensing chain FIFO stop values memorization at FIFO Threshold.
Default value: 0
0 = FIFO depth is not limited (32 digital words per axis)
1 = FIFO depth is limited to FIFO Threshold which is defined in
FIFO_CTRL (2Eh Register)
HPen
High Pass filter Enable. Default value: 0
(0: HPF disabled; 1: HPF enabled see
Figure 23.)
IG_Sel1-IG_Sel0
INT Generator selection configuration. Default value: 00
(See
Figure 23.)
Out_Sel1-Out_-
Sel0
Out selection configuration. Default value: 00
(See
Figure 23.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com