Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20H Datasheet(PDF) 25 Page - STMicroelectronics

Part # L3GD20H
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20H Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L3GD20H Datasheet HTML 21Page - STMicroelectronics L3GD20H Datasheet HTML 22Page - STMicroelectronics L3GD20H Datasheet HTML 23Page - STMicroelectronics L3GD20H Datasheet HTML 24Page - STMicroelectronics L3GD20H Datasheet HTML 25Page - STMicroelectronics L3GD20H Datasheet HTML 26Page - STMicroelectronics L3GD20H Datasheet HTML 27Page - STMicroelectronics L3GD20H Datasheet HTML 28Page - STMicroelectronics L3GD20H Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
DocID023469 Rev 2
25/52
L3GD20H
Digital main blocks
4.3
Level-sensitive/edge sensitive/impulse sensitive data enable
L3GD20H allows external trigger level recognition through enabling EXTRen and LVLen bits
into CTRL2 (21h) and IMPen bit into CTRL4 (23h). Three different modes can be used:
level, edge or impulse sensitive trigger.
Figure 15. Trigger stamping
4.3.1
Level sensitive trigger stamping
Level sensitive trigger can be enabled by setting to ‘1’ the LVLen bit into CTRL2 (21h) while
EXTRen bit into CTRL2 (21h) and IMPen bit into CTRL4 (23h) have to be set to ‘0’.
Once enabled, DEN level replaces the LSB of X, Y or Z axes configurable through Xen, Yen,
Zen bits into CTRL1 (20h). Data is stored inside the FIFO with the internal selected ODR.
4.3.2
Edge sensitive trigger
Edge sensitive trigger can be enabled by setting to ‘1’ the EXTRen bit into CTRL2 (21h)
while LVLen bit into CTRL2 (21h) and IMPen bit into CTRL4 (23h) have to be set to ‘0’.
Table 9. Trigger stamping mode
LVLen
EXTRen
IMPen
Trigger stamping mode
1
0
0
Level sensitive trigger
0
1
0
Edge sensitive trigger
1
0
1
Impulse sensitive trigger
xi(15-1)
xi,yi,zi
D
E
N
yi(15-0)
Zi(15-0)
xi-N+1
N
D
E
(15-1)
yi-N+1
(15-0)
zi-N+1
(15-0)
xi(15-0)
xi,yi,zi
D
E
N
yi(15-1)
Zi(15-0)
xi(15-0)
xi,yi,zi
N
D
E
yi(15-0)
Zi(15-1)
xi-N+1
N
D
E
(15-0)
yi-N+1
(15-0)
zi-N+1
(15-1)
xi-N+1
N
D
E
yi-N+1
Zi-N+1
(15-0)
(15-1)
(15-0)
Level-sensitive
Trigger enabled
on Y-axis
Yen=1, Xen=Zen=0
Level-sensitive
Trigger enabled
d
on X-Axis
Xen=1,Yen=Zen=0
Level-sensitive
Trigger enabled
on Z-axis
Zen=1, Xen=Yen=0
GAMS290120131645FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com