Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20H Datasheet(PDF) 17 Page - STMicroelectronics

Part # L3GD20H
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20H Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L3GD20H Datasheet HTML 13Page - STMicroelectronics L3GD20H Datasheet HTML 14Page - STMicroelectronics L3GD20H Datasheet HTML 15Page - STMicroelectronics L3GD20H Datasheet HTML 16Page - STMicroelectronics L3GD20H Datasheet HTML 17Page - STMicroelectronics L3GD20H Datasheet HTML 18Page - STMicroelectronics L3GD20H Datasheet HTML 19Page - STMicroelectronics L3GD20H Datasheet HTML 20Page - STMicroelectronics L3GD20H Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
DocID023469 Rev 2
17/52
L3GD20H
Application hints
3
Application hints
Figure 5. L3GD20H electrical connections and external components values
Power supply decoupling capacitors (100 nF + 10 μF) should be placed as near as possible
to the device (common design practice).
If Vdd and Vdd_IO are not connected together, 100 nF and 10 μF decoupling capacitors
must be placed between Vdd and common ground while 100 nF between Vdd_IO and
common ground. Capacitors should be placed as near as possible to the device (common
design practice).
(TOP VIEW)
1
X
+ΩZ
DIRECTIONS OF THE
DETECTABLE
ANGULAR RATES
+ΩX
+ΩY
Vdd
10µF
GND
100nF
Vdd_IO
SCL/SPC
1
8
5
5
13
TOP VIEW
6
14
16
9
9
GND
C1
10nF(25V)*
GND
*
SDA/SDI/SDO
C1 must guarantee 1nF value under 12V bias condition
GND
SDO
CS
100nF
Vdd I2C bus
Rpu
Rpu = 10kOhm
SCL/SPC
SDA_SDI_SDO
Pull-up to be added when I2C interface is used
GAMS080220130927FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com