Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20H Datasheet(PDF) 22 Page - STMicroelectronics

Part # L3GD20H
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20H Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L3GD20H Datasheet HTML 18Page - STMicroelectronics L3GD20H Datasheet HTML 19Page - STMicroelectronics L3GD20H Datasheet HTML 20Page - STMicroelectronics L3GD20H Datasheet HTML 21Page - STMicroelectronics L3GD20H Datasheet HTML 22Page - STMicroelectronics L3GD20H Datasheet HTML 23Page - STMicroelectronics L3GD20H Datasheet HTML 24Page - STMicroelectronics L3GD20H Datasheet HTML 25Page - STMicroelectronics L3GD20H Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
Digital main blocks
L3GD20H
22/52
DocID023469 Rev 2
dynamic-stream mode (FIFO_CTRL(FM2:0) = 110)
the number of new data available in
FIFO does not depend on previous reading.
In dynamic-stream mode FIFO_SRC(FSS4:0) + 1 is the number of new X, Y and Z samples
available in the FIFO buffer.
Stream mode is intended to be used reading all 32 samples of FIFO within an ODR after
receiving an overrun signal.
Dynamic-stream is intended to be used to read FIFO_SRC(FSS4:0) + 1 samples when it is
not possible to guarantee data reading within an ODR.
In dynamic-stream mode
FIFO_CTRL(FTH4:0) setting should be between 1 and 30.
Also a FIFO Threshold interrupt CTRL3(INT2_FTH) can be enabled in order to read data
from the FIFO and let free memory slot for data incoming. Setting the FIFO_CTRL(FTH4:0)
to N value, the number of X, Y and Z data samples that should be read at FIFO Threshold
interrupt rising, in order to read the whole FIFO content, is N + 2.
Figure 11. Dynamic stream mode
4.2.4
Stream-to-FIFO mode
In stream-to-FIFO mode (FIFO_CTRL(FM2:0) = 011), FIFO behavior changes according to
IG_SRC(IA) bit. When IG_SRC(IA) bit is equal to '1' FIFO operates in FIFO-mode, when
IG_SRC(IA) bit is equal to '0' FIFO operates in Stream mode.
Interrupt generator
should be set to the desired configuration by means of IG_CFG,
IG_THS_XH, IG_THS_XL, IG_THS_YH, IG_THS_YL, IG_THS_ZH and IG_THS_ZL.
IG_CFG(LIR) bit should be put to '1' in order to have latched interrupt.
GAMS310120131023FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com