Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20H Datasheet(PDF) 36 Page - STMicroelectronics

Part # L3GD20H
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20H Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L3GD20H Datasheet HTML 32Page - STMicroelectronics L3GD20H Datasheet HTML 33Page - STMicroelectronics L3GD20H Datasheet HTML 34Page - STMicroelectronics L3GD20H Datasheet HTML 35Page - STMicroelectronics L3GD20H Datasheet HTML 36Page - STMicroelectronics L3GD20H Datasheet HTML 37Page - STMicroelectronics L3GD20H Datasheet HTML 38Page - STMicroelectronics L3GD20H Datasheet HTML 39Page - STMicroelectronics L3GD20H Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
Register description
L3GD20H
36/52
DocID023469 Rev 2
7
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
angular rate data. The registers address, made of 7 bits, is used to identify them and to write
the data through serial interface.
7.1
WHO_AM_I (0Fh)
Device identification register.
7.2
CTRL1 (20h)
DR<1:0> is used to set ODR selection. BW <1:0> is used to set bandwidth selection.
In the following table are reported all frequency resulting in combination of DR / BW bits.
Table 18. WHO_AM_I register
1
10101
11
Table 19. CTRL1 register(1)
1.
Xen, Yen, Zen enable X, Yor Z register in level sensitive trigger mode. Once LVLen bit = 1, DEN level
replaces the LSB of X, Y or Z axes and all axis are available for reading.
DR1
DR0
BW1
BW0
PD
Zen
Xen
Yen
Table 20. CTRL1 description
DR1-DR0
Output data rate selection. Refer to
Table 21
BW1-BW0
Bandwidth selection. Refer to
Table 21
PD
Power mode. Default value: 0. Refer to
Table
0= Power Down
1= Normal Mode
(For Sleep Mode set {PD:Zen:Yen:Xen} to {1000})
Zen
Z axis enable. Default value: 1
(0: Z axis disabled; 1: Z axis enabled)
Yen
Y axis enable. Default value: 1
(0: Y axis disabled; 1: Y axis enabled)
Xen
X axis enable. Default value: 1
(0: X axis disabled; 1: X axis enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com