Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE321 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STMPE321
Description  3-channel capacitive touchkey controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE321 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STMPE321 Datasheet HTML 2Page - STMicroelectronics STMPE321 Datasheet HTML 3Page - STMicroelectronics STMPE321 Datasheet HTML 4Page - STMicroelectronics STMPE321 Datasheet HTML 5Page - STMicroelectronics STMPE321 Datasheet HTML 6Page - STMicroelectronics STMPE321 Datasheet HTML 7Page - STMicroelectronics STMPE321 Datasheet HTML 8Page - STMicroelectronics STMPE321 Datasheet HTML 9Page - STMicroelectronics STMPE321 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Capacitance compensation
STMPE321
6/40
Doc ID 15791 Rev 3
2
Capacitance compensation
The STMPE321 is capable to measuring up to 5.1pF in capacitance difference between the
reference point (Zref) and the individual channels. In the case where PCB connection
between the sensor pads and the device is too long, the "REFERENCE DELAY" register is
able to shift the reference by up to 5.1pF, allowing the TOUCH channels to measure added
capacitance 5.1pF with offset of 5.1pF, as shown in following diagram.
In the case where this is still not enough to compensate for the capacitance on sensor lines
(due to very long sensor trace), an external capacitor of up to 30 pF could be connected at
the A_Ref pin.
This would further shift up the dynamic range of the capacitance measurement.
Figure 4.
Capacitance compensation
The sensed capacitance is accessible to the host through the IMPEDANCE registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com