Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE321 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STMPE321
Description  3-channel capacitive touchkey controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE321 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STMPE321 Datasheet HTML 22Page - STMicroelectronics STMPE321 Datasheet HTML 23Page - STMicroelectronics STMPE321 Datasheet HTML 24Page - STMicroelectronics STMPE321 Datasheet HTML 25Page - STMicroelectronics STMPE321 Datasheet HTML 26Page - STMicroelectronics STMPE321 Datasheet HTML 27Page - STMicroelectronics STMPE321 Datasheet HTML 28Page - STMicroelectronics STMPE321 Datasheet HTML 29Page - STMicroelectronics STMPE321 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Capacitive touch module registers
STMPE321
26/40
Doc ID 15791 Rev 3
CAL_INTERVAL
Calibration interval
Address:
0x22
Type:
R/W
Reset:
0x30
Description:
Calibration interval
INTEGRATION TIME
Integration time
Address:
0x23
Type:
R/W
Reset:
0x0F
Description:
Integration time
76
543
2
1
0
CAL_INTERVAL
[7:0] CALIBRATION INTERVAL:
Interval between calibration = calibration interval [7:0] * sensor clock period * 50
Range: 4 ms - 16 s
76
543
2
1
0
INTEGRATION_TIME[7:0]
[7:0] Integration time in AFS mode
Total period of integration = sensor clock period * integration time [7:0]
78 µs - 320 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com