Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE321 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STMPE321
Description  3-channel capacitive touchkey controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE321 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STMPE321 Datasheet HTML 28Page - STMicroelectronics STMPE321 Datasheet HTML 29Page - STMicroelectronics STMPE321 Datasheet HTML 30Page - STMicroelectronics STMPE321 Datasheet HTML 31Page - STMicroelectronics STMPE321 Datasheet HTML 32Page - STMicroelectronics STMPE321 Datasheet HTML 33Page - STMicroelectronics STMPE321 Datasheet HTML 34Page - STMicroelectronics STMPE321 Datasheet HTML 35Page - STMicroelectronics STMPE321 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Capacitive touch module registers
STMPE321
32/40
Doc ID 15791 Rev 3
CALIBRATED_IMPEDANCE
Calibrated impedance
Address:
0x70 - 0x72
Type:
R
Reset:
0x00
Description:
Calibrated impedance is a reference value maintained by the device.
IMPEDANCE
Impedance
Address:
0x80 - 0x82
Type:
R
Reset:
0x00
Description:
Impedance is the instantaneous impedance value seen at the input pin of each
capacitive sensing pin.
TINT_PENDING
Interrupt pending
Address:
0x92
Type:
R
Reset:
0x00
Description:
Reflects the status of each interrupt source.
7
654
3210
CAL_IMPEDANCE
[7:0] CALIBRATED IMPEDANCE:
Calibrated reference impedance
7
654
3210
IMPEDANCE
[7:0] IMPEDANCE:
Currently sensed impedance. This impedance reading decreases with the increase of the
capacitance at the sensing channel.
When this register reads 0x7F, reference capacitance should be reduced.
When this register reads 0x00, reference capacitance should be increased.
7
654
3210
RESERVED
EOC
RESERVED
[7:4] RESERVED
[3] EOC:
End of calibration
[2:0] RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com