Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE321 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STMPE321
Description  3-channel capacitive touchkey controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE321 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STMPE321 Datasheet HTML 18Page - STMicroelectronics STMPE321 Datasheet HTML 19Page - STMicroelectronics STMPE321 Datasheet HTML 20Page - STMicroelectronics STMPE321 Datasheet HTML 21Page - STMicroelectronics STMPE321 Datasheet HTML 22Page - STMicroelectronics STMPE321 Datasheet HTML 23Page - STMicroelectronics STMPE321 Datasheet HTML 24Page - STMicroelectronics STMPE321 Datasheet HTML 25Page - STMicroelectronics STMPE321 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
GPIO controller
STMPE321
22/40
Doc ID 15791 Rev 3
7
GPIO controller
A total of 3 GPIOs are available in the STMPE321. The GPIO controller contains the
registers that allow the host system to configure each of the pins into either a GPIO or Touch
input. Unused GPIOs should be configured as outputs to minimize power consumption.
A group of registers is used to control the exact function of each of the 3 GPIOs. The
registers and their respective addresses are listed in Table 8.
All GPIO registers are named GPxx, where:
Xxx represents the functional group
For LSB registers:
For MSB registers:
Table 8.
GPIO controller registers summary map
Address
Register name
Description
Auto-increment
0x10
GPIO_MR_LSB
GPIO monitor pin state
register
Yes
0x11
GPIO_MR_MSB
0x12
GPIO_SET_LSB
GPIO set pin state
register
Yes
0x13
GPIO_SET_MSB
0x14
GPIO_DIR_LSB
GPIO set pin direction
register
Yes
0x15
GPIO_DIR_MSB
0x16
GPIO_FUNCT_LSB
GPIO function register
Yes
0x17
GPIO_FUNCT_MSB
76
543
2
1
0
RESERVED
IO-2
IO-1
IO-0
76
543
2
1
0
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com