Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE321 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STMPE321
Description  3-channel capacitive touchkey controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE321 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STMPE321 Datasheet HTML 30Page - STMicroelectronics STMPE321 Datasheet HTML 31Page - STMicroelectronics STMPE321 Datasheet HTML 32Page - STMicroelectronics STMPE321 Datasheet HTML 33Page - STMicroelectronics STMPE321 Datasheet HTML 34Page - STMicroelectronics STMPE321 Datasheet HTML 35Page - STMicroelectronics STMPE321 Datasheet HTML 36Page - STMicroelectronics STMPE321 Datasheet HTML 37Page - STMicroelectronics STMPE321 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Electrical specifications
STMPE321
34/40
Doc ID 15791 Rev 3
10
Electrical specifications
10.1
Capacitive sensing characteristics
Table 12.
DC electrical characteristics (-40 - 85 °C unless otherwise stated)
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
VCC
Core supply voltage
1.65
-
1.95
V
Ihibernate
HIBERNATE current
No touch sensing
capability
-1.8
3.0
µA
Isleep
SLEEP current
Touch sensing active,
no touch
-27
43
µA
Iactive
ACTIVE current
100% touch activity
-
280
470
µA
VIL
Input voltage low state
VCC=1.8 V
-0.3V
-
0.2VCC
V
VIH
Input voltage high state
VCC=1.8 V
0.8Vcc
-
VCC+0.3V
V
VOL
Output voltage low state
VCC=1.8 V,
IOUT=4mA
-0.3V
-
0.25VCC
V
VOH
Output voltage high
state
VCC=1.8OUTV,
IOUT =4mA
0.75Vcc
-
VCC+0.3V
V
VOL
(I2C)
Output voltage low state IOL=4 mA
-0.3V
-
0.25VCC
V
Ileakage
Input leakage (GPIO)
GPIO as input,
VIN = 2.0 V
--
0.5
µA
Input leakage
(SCL, SDA, RST)
VIN = VCC = 1.95 V
-
-
0.5
µA
Table 13.
Capacitive sensing characteristics
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
Res
Capacitive
measurement
resolution
Aref = not connected
-
40
-
fF
DR
Dynamic range
Aref = not connected
-
5.1
-
pF
L
Linearity of sensor
Aref = not connected
Maximum deviation
calculated from full scale
capacitance
measurement data
-10
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com