Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE321 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STMPE321
Description  3-channel capacitive touchkey controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE321 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STMPE321 Datasheet HTML 32Page - STMicroelectronics STMPE321 Datasheet HTML 33Page - STMicroelectronics STMPE321 Datasheet HTML 34Page - STMicroelectronics STMPE321 Datasheet HTML 35Page - STMicroelectronics STMPE321 Datasheet HTML 36Page - STMicroelectronics STMPE321 Datasheet HTML 37Page - STMicroelectronics STMPE321 Datasheet HTML 38Page - STMicroelectronics STMPE321 Datasheet HTML 39Page - STMicroelectronics STMPE321 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Package mechanical data
STMPE321
36/40
Doc ID 15791 Rev 3
Figure 9.
Footprint recommendations for QFN12 (2.2 x 1.5 x 0.5 mm) - 0.40 mm
pitch
1.
Drawing not to scale.
2.
Dimensions are in millimeters.
Table 14.
Mechanical data for QFN12 (2.2 x 1.5 x 0.5 mm) - 0.40 mm pitch
Symbol
Millimeters
Min
Typ
Max
A
0.50
−
0.60
A1
0
−−
b
0.15
−
0.25
D
−
1.50
−
E
−
2.20
−
e
−
0.40
−
L
0.35
−
0.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com