Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE321 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STMPE321
Description  3-channel capacitive touchkey controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE321 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STMPE321 Datasheet HTML 12Page - STMicroelectronics STMPE321 Datasheet HTML 13Page - STMicroelectronics STMPE321 Datasheet HTML 14Page - STMicroelectronics STMPE321 Datasheet HTML 15Page - STMicroelectronics STMPE321 Datasheet HTML 16Page - STMicroelectronics STMPE321 Datasheet HTML 17Page - STMicroelectronics STMPE321 Datasheet HTML 18Page - STMicroelectronics STMPE321 Datasheet HTML 19Page - STMicroelectronics STMPE321 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
System and identification registers
STMPE321
16/40
Doc ID 15791 Rev 3
SYS_CFG_2
System configuration 2
Address:
0x04
Type:
R/W
Reset:
0xEF
Description:
This register enables the switching off of the clock supply
76
543
2
1
0
SENSOR
CLOCK 2
SENSOR
CLOCK 1
SENSOR
CLOCK 0
RESERVED
GPIO CLOCK
DISABLE
FIFO CLOCK
DISABLE
TOUCH CLOCK
DISABLE
[7:5] SENSOR CLOCK: See description in Table 7.
[4] RESERVED
[3] RESERVED
[2] GPIO CLOCK DISABLE:
Write ‘1’ to disable the clock to GPIO unit.
[1] FIFO CLOCK DISABLE:
Write ‘1’ to disable the clock to FIFO unit. This must be set to ‘0’ if touch interrupt is required.
[0] TOUCH CLOCK DISABLE:
Write ‘1’ to disable the clock to TOUCH unit.
Table 7.
Sensor clock setting
Mode
Divider
Sensor clock
[2:0]
Active
Calibration
Operational
(6.5 MHz)
1
000
12.8 kHz
100 kHz
2
001
6.4 kHz
50 kHz
4
010
3.2 kHz
25 kHz
8
011
1.6 kHz
12.5 kHz
16
1xx
800 Hz
6.25 kHz
Autosleep
(200 kHz)
1
000
400 Hz
3.2 kHz
2
001
200 Hz
1.6 kHz
4
010
100 Hz
800 Hz
8
011
50 Hz
400 Hz
16
1xx
25 Hz
200 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com