Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE321 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STMPE321
Description  3-channel capacitive touchkey controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE321 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STMPE321 Datasheet HTML 4Page - STMicroelectronics STMPE321 Datasheet HTML 5Page - STMicroelectronics STMPE321 Datasheet HTML 6Page - STMicroelectronics STMPE321 Datasheet HTML 7Page - STMicroelectronics STMPE321 Datasheet HTML 8Page - STMicroelectronics STMPE321 Datasheet HTML 9Page - STMicroelectronics STMPE321 Datasheet HTML 10Page - STMicroelectronics STMPE321 Datasheet HTML 11Page - STMicroelectronics STMPE321 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Capacitance compensation
STMPE321
8/40
Doc ID 15791 Rev 3
2.1.1
Noise filtering
When the STMPE321 is operating in the vicinity of highly emissive circuits (DC-DC
converters, PWM controllers/drives etc.), the sensor inputs can be affected by high-
frequency noise. In this situation, the time-integrating function can be used to distinguish
between a real touch, or an emission-related false touch.
The INTEGRATION TIME and STRENGTH THRES registers are used to configure the time-
integrating function of the STMPE321.
2.1.2
Data filtering
The output from the calibration unit provides an instantaneous TOUCH or NO TOUCH
status. This output is directed to the filtering stage where the TOUCH is integrated across a
programmable period of time. The output of the integration stage is a “STRENGTH" (in the
STRENGTH register) that indicates the number of times a TOUCH is detected across the
integration period.
The STRENGTH is then compared to the value in STRENGTH THRESHOLD register. If
STRENGTH exceeds the STRENGTH THRESHOLD, it is considered a final, filtered
TOUCH status.
In the data filtering stage, 3 modes of operation are supported:
Mode 1: Only the touch channel with highest STRENGTH is taken
Mode 2: All touch channels with STRENGTH > STRENGTH THRESHOLD are taken
Mode 3: The 2 touch channels with the highest STRENGTH are taken.
These modes are selected using the FEATURE SELECTOR register. The final, filtered data
is accessible through the Touch Byte register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com