Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE321 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STMPE321
Description  3-channel capacitive touchkey controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE321 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STMPE321 Datasheet HTML 25Page - STMicroelectronics STMPE321 Datasheet HTML 26Page - STMicroelectronics STMPE321 Datasheet HTML 27Page - STMicroelectronics STMPE321 Datasheet HTML 28Page - STMicroelectronics STMPE321 Datasheet HTML 29Page - STMicroelectronics STMPE321 Datasheet HTML 30Page - STMicroelectronics STMPE321 Datasheet HTML 31Page - STMicroelectronics STMPE321 Datasheet HTML 32Page - STMicroelectronics STMPE321 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
STMPE321
Capacitive touch module registers
Doc ID 15791 Rev 3
29/40
FILTER_PERIOD
Filter period
Address:
0x28
Type:
R/W
Reset:
0x00
Description:
Filter period.
FILTER_THRESHOLD
Filter threshold
Address:
0x29
Type:
R/W
Reset:
0x00
Description:
Filter threshold.
REFERENCE_DELAY
Reference delay
Address:
0x2A
Type:
R/W
Reset:
0x00
Description:
Shifting of capacitive sensor dynamic range. The capacitance value set into this
register is in effect, equivalent to capacitor connected to the A_Ref pin.
76
543
2
1
0
FILTER_COUNT
[7:0] FILTER_COUNT:
Additional filter to stabilize touch output in AFS mode.
AFS touch output is monitored for Filter Count [7:0] times every integration time. For each time
a "touch status" is detected, an internal "Filter Counter" is incremented once. This counter
value is then compared with Filter Threshold (register 0x29).
76
543
2
1
0
FILTER_THRESHOLD
[7:0] FILTER_THRESHOLD:
An internal "Filter Counter" is compared with Filter Threshold [7:0] to determine if a valid touch
has occurred.
76
543
2
1
0
RESERVED
REFERENCE_DELAY
[7] RESERVED
[6:0] REFERENCE_DELAY:
Valid range = 0-127
Each step represents capacitance value of 0.04 pF
Warm reset is required after this value is updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com