Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIDZWT Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 111 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 107Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 108Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 109Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 110Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 111Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 112Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 113Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 114Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 3-38. CLKOUT Block Multiplexed Pin Selection
MULTIPLEXED FUNCTIONS
SIGNAL
CLKOUT0
PWM2
GPIO
NAME
FUNCTION
SELECT
FUNCTION
SELECT
FUNCTION
SELECT
CLKOUT0/
PWM2/
CLKOUT0
CKOBK = 01
PWM2
CKOBK = 10
GP[84]
CKOBK = 00
GP[84]
Table 3-39 provides a different view of the CLKOUT Block pin muxing, showing the CLKOUT Block
function based on PINMUX1.CKOBK setting. The selection options are also shown pictorially in
Figure 3-10.
Table 3-39. CLKOUT Block Function Selection
PINMUX1.CKOBK
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
00
GPIO (1)
GPIO: GP[84]
01
CLKOUT (default)
Device Clock-Out: CLKOUT0
10
PWM2
PWM2: PWM2
11
Reserved
Reserved
This block defaults to CLKOUT0 pin function.
In addition, the VDD3P3V_PWDN.CLKOUT field determines the power state of the CLKOUT Block pin.
The CLKOUT Block pin defaults to powered up. For more details on the VDD3P3V_PWDN.CLKOUT field,
see Section 3.2, Power Considerations.
3.7.3.13 EMIFA Block Muxing
This block of 61 pins consists of EMIFA, EMAC(RMII), PCI, and GPIO muxed pins. The following register
fields affect the pin functions in the EMIFA Block:
•
All PINMUX0 register fields: AEM, CS5SEL, CS4SEL, CS3SEL, and RMII.
•
PINMUX1.PCIEN
As discussed in Section 3.7.3.2, Peripherals Spanning Multiple Pin Mux Blocks, PCI pins span across the
following Pin Mux Blocks: Host Block, EMIFA Block Sub-Block 0 and Sub-Block 3, PCI Data Block, and
GPIO Block. For proper PCI operation, PCI must be selected in all of these Pin Mux Blocks.
There is only one EMAC peripheral on the C6424 device, even though the pins for MII mode and the pins
for RMII modes are brought out to different locations. The EMAC MII mode pins are in the Host Block,
while EMAC RMII mode pins are only in the EMIFA Block. The user is only allowed to select either the MII
pins or the RMII pins. The operation is undefined if the user attempts to select both MII pins and RMII
pins.
The EMIFA Block is divided into multiple sub-blocks for ultimate flexibility in pin multiplexing to
accommodate a wide variety of applications, and for the purpose of I/O pins power control:
•
Sub-Block 0: multiplexed between EMIFA data/address/control pins, PCI, part of EMAC(RMII), and
GPIO.
•
Sub-Block 1: multiplexed between EMIFA data/address/control pins, part of EMAC(RMII), and GPIO.
•
Sub-Block 2: no multiplexing. EMIFA control pins EM_WAIT/(RDY/BSY), EM_OE, EM_WE.
•
Sub-Block 3: multiplexed between EMIFA address pins EM_A[12:6], PCI, and GPIO.
The EMBK0, EMBK1, EMBK2, EMBK3 fields in the VDD3P3V_PWDN register determine the power state
of the EMIFA Block pins. The EMIFA Block pins default to powered up. For more details on the EMBK0,
EMBK1, EMBK2, EMBK3 fields in the VDD3P3V_PWDN register, see Section 3.2, Power Considerations.
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
111
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com