Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIDZWT Datasheet(PDF) 114 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 114 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 110Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 111Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 112Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 113Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 114Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 115Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 116Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 117Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 3-40. EMIFA Block Major Configuration Choices (continued)
MAJOR
PINMUX SELECTION FIELDS
RESULTING PERIPHERALS/PINS
CONFIG.
PCIEN
AEM
RMII
CS3SEL
CS4SEL
CS5SEL
PCI
(1)
EMIFA
(2)
RMII
GPIO
OPTION
PCI:
PGNT, PRST,
PREQ, PINTA,
42 GP pins:
G
1
000
0
0
0
0
-
-
PCBE3, PIDSEL
GP[54:52], GP[43:5]
AD31, AD29,
AD27, AD[25:19]
PCI:
PGNT, PRST,
RMII:
34 GP Pins:
PREQ, PINTA,
RMRXER, RMRXD[1:0],
H
1
000
1
0
0
0
-
GP[54:53], GP[43:34],
PCBE3, PIDSEL
RMTXD[1:0], REFCLK,
GP[26:5]
AD31, AD29,
RMCRSDV, RMTXEN
AD27, AD[25:19]
8-bit EMIFA (NAND) Pinout
Mode 5:
28 GP Pins:
EM_D[7:0], EM_A[2:1],
GP[54:52], GP[43:34],
PCI:
EM_CS2,
GP[31:22], GP[11:10],
PGNT, PRST,
EM_WAIT/(RDY/BSY),
GP[7:5]
PREQ, PINTA,
J
1
101
0
0 or 1
0 or 1
0 or 1
-
EM_WE, EM_OE
PCBE3, PIDSEL
Optional Selection:
AD31, AD29,
Optional Selection:
GP[33] (CS5SEL = 0),
AD27, AD[25:19]
EM_CS5 (CS5SEL = 1),
GP[32] (CS4SEL = 0),
EM_CS4 (CS4SEL = 1),
GP[13] (CS3SEL = 0)
EM_CS3 (CS3SEL = 1)
8-bit EMIFA (NAND) Pinout
Mode 5:
22 GP Pins:
PCI:
EM_D[7:0], EM_A[2:1],
GP[54:53], GP[43:34],
PGNT, PRST,
RMII:
EM_CS2,
GP[26:22], GP[11:10],
PREQ, PINTA,
RMRXER, RMRXD[1:0],
K
1
101
1
0 or 1
0
0
EM_WAIT/(RDY/BSY),
GP[7:5]
PCBE3, PIDSEL
RMTXD[1:0], REFCLK,
EM_WE, EM_OE
AD31, AD29,
RMCRSDV, RMTXEN
Optional Selection:
AD27, AD[25:19]
Optional Selection:
GP[13] (CS3SEL = 0)
EM_CS3 (CS3SEL = 1)
The following is an example on how to read Table 3-40. For example, the "PINMUX Selection Fields" columns indicate that Major Configuration
Choice C is selected through setting PINMUX1.PCIEN = 0, PINMUX0.AEM = 010b, and PINMUX0.RMII = 0. Other PINMUX0 fields CS3SEL,
CS4SEL, and CS5SEL can be set to either 0 or 1 based on the system's EMIFA Chip Select space need. The "Resulting Peripherals/Pins"
columns indicate that Major Configuration Option C can support the following combination of pin functions:
•
No PCI pins
•
Pins for 16-bit EMIFA (Async or NAND) function with EMIFA Chip Select space 2 (EM_CS2). If additional Chip Select spaces are needed, set
the corresponding PINMUX bit (CS5SEL, CS4SEL, and/or CS3SEL) to 1.
•
At least 13 GPIO pins. If the additional Chip Select spaces from EM_CS3, EM_CS4, or EM_CS5 are not needed, the corresponding PINMUX
bit (CS3SEL, CS4SEL, and/or CS5SEL) can be set to 0 to get additional GPIO pins.
3.7.3.13.2 EMIFA Block Pin-By-Pin Multiplexing Summary
This section summarizes the EMIFA Block muxing on a pin-by-pin basis. It provides an alternative view to pin muxing in the EMIFA Block. It
summarizes the EMIFA Block pin muxing by dividing up the EMIFA Block based on the PINMUX field that controls the pins. To determine the
actual EMIFA Major Configuration Option for the application need, see Section 3.7.3.13.1, EMIFA Block Major Configuration Choices.
114
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com