Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6613N Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM6613N
Description  2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6613N Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM6613N Datasheet HTML 5Page - STMicroelectronics PM6613N Datasheet HTML 6Page - STMicroelectronics PM6613N Datasheet HTML 7Page - STMicroelectronics PM6613N Datasheet HTML 8Page - STMicroelectronics PM6613N Datasheet HTML 9Page - STMicroelectronics PM6613N Datasheet HTML 10Page - STMicroelectronics PM6613N Datasheet HTML 11Page - STMicroelectronics PM6613N Datasheet HTML 12Page - STMicroelectronics PM6613N Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
DocID024974 Rev 3
9/30
PM6613N
Electrical characteristics
Table 5. Electrical characteristics
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Unit
Supply current
ISLP
Total current (DCIN, SRN,
SRP, ACP, ACN, PH)
consumption in sleep mode
ACDIV < ACDIVSLP
BATFET on
40
60
uA
ACDIV < ACDIVSLP
BATFET off
18
35
IOP
Total quiescent supply current
Charge disabled
1.25
2.1
mA
Supply voltage
DCINUVLO
DCIN UVLO rising threshold
3.8
4
4.2
V
DCIN UVLO falling threshold
3.65
3.85
4.05
ACOK comparator
ACDIVTH
ACDIV rising voltage
threshold to assert ACOK
1.87
2
2.13
V
ACDIVHYS
ACDIV voltage threshold
hysteresis
520
35
mV
ACDIVSLP
ACDIV voltage threshold to
enable internal bias
0.55
0.65
0.75
V
ACDIVOV
ACDIV rising threshold
voltage to determine an OV
condition that let ACOK go
low
2.55
2.625 2.70
V
ACDIVOV_H
ACDIV overvoltage hysteresis
35
65
95
mV
tR_ACOK
Rising edge deglitch time
AD bit cleared
230
250
270
ms
Switching frequency
fSW
Buck converter switching
frequency
BSE bit cleared
600
700
800
kHz
BSE bit set
300
350
400
Charging voltage
VBATT_ERR
Charge voltage accuracy
-1.53
1.53
%
Charging current
ICHG_ERR
Charge current accuracy
VSRN = 12 V
ICHG = 0.128 A
RSENSE = 10 mΩ
-50
50
%
ICHG = 8.192 A
RSENSE = 10 mΩ
-3
+3
Adapter current sense amplifier
IADP_G
Current sense amplifier gain
18
20
22
IADP_G_ERR
Current sense amplifier gain
error
-10
10
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com