Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6613N Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM6613N
Description  2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6613N Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM6613N Datasheet HTML 17Page - STMicroelectronics PM6613N Datasheet HTML 18Page - STMicroelectronics PM6613N Datasheet HTML 19Page - STMicroelectronics PM6613N Datasheet HTML 20Page - STMicroelectronics PM6613N Datasheet HTML 21Page - STMicroelectronics PM6613N Datasheet HTML 22Page - STMicroelectronics PM6613N Datasheet HTML 23Page - STMicroelectronics PM6613N Datasheet HTML 24Page - STMicroelectronics PM6613N Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
DocID024974 Rev 3
21/30
PM6613N
Operating description
of CHRG_OPT register. When ACOK is high, the ACFET selector has to be switched on, in
order to supply the B2B pin. This pin is used to provide the offset for the charge pump that
supplies the ACFET/RBFET selectors. Once B2B reaches the 2.5 V threshold, the BATFET
selector is switched off and the battery is disconnected from the system: in this case the
current flows to the system through the body diode of the selector. When the B2B pin
crosses the battery voltage (sensed by SRN pin) by 255 mV, the RBFET is switched ON.
From now on the system is supplied by the adapter. The described sequence is summarized
in the below table:
4.12
Adapter removal
When the adapter is unplugged, a disconnection sequence occurs, bringing the charger into
a sleep mode. When the ACDIV pin goes below 1.95 V, the ACOK pin goes immediately
low: there's no deglitch time in this case. Any charging process is interrupted and the B2B
pin is internally discharged. The B2B pin is used to sense the system voltage through the
ACFET/RBFET selectors. When the B2B pin goes below the value of the battery plus 225
mV, the ACFET/RBFET selectors are opened if SOVR bit of CHRG_OPT is set, and the
BATFET selector is closed if the BSE bit of CHRG_OPT is set, allowing the battery to supply
the system. As the system voltage is much closer to the battery voltage, any inrush current
caused by system capacitors is avoided. When the ACDIV voltage goes below 0.6 V the
PM6613N is in sleep mode. The sequence is summarized in Table 15
Table 14. Adapter insertion sequence
Condition
Action
Adapter insertion
ACDIV voltage rises
ACDIV > 0.65 V
PM6613N goes out of sleep mode
B2B pin forces a low voltage
ACDIV > 2 V
ACOK pin goes high after 250 ms
B2B pin stops forcing voltage
ACFET is turned on
B2B voltage rises
B2B > 2.5 V
BATFET is off
B2B > SRN+225 mV
ACFET/RBFET is on
Table 15. Adapter removal sequence
Condition
Action
Adapter unplugged
ACDIV voltage decreases
ACDIV < 1.95 V
ACOK goes low
B2B pin forces a low voltage
Internal circuitry disables any charging process
B2B < SRN+ 225 mV
ACFET/RBFET selectors opened
BATFET selector closed
ACDIV < 0.6 V
The PM6613N is in sleep mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com