Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6613N Datasheet(PDF) 29 Page - STMicroelectronics

Part # PM6613N
Description  2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6613N Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PM6613N Datasheet HTML 22Page - STMicroelectronics PM6613N Datasheet HTML 23Page - STMicroelectronics PM6613N Datasheet HTML 24Page - STMicroelectronics PM6613N Datasheet HTML 25Page - STMicroelectronics PM6613N Datasheet HTML 26Page - STMicroelectronics PM6613N Datasheet HTML 27Page - STMicroelectronics PM6613N Datasheet HTML 28Page - STMicroelectronics PM6613N Datasheet HTML 29Page - STMicroelectronics PM6613N Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
DocID024974 Rev 3
29/30
PM6613N
Revision history
7
Revision history
Table 22. Document revision history
Date
Revision
Changes
23-Jul-2013
1
Initial release.
25-Sep-2013
2
Updated, in Table 5: Electrical characteristics, the following
parameters: IOP, ACDIVTH, VBATT_ERR, ICHG_ERR, IADP_G_ERR,
IBATT_G_ERR and IBATT_SRC.
Datasheet status promoted from preliminary to production data.
27-Nov-2013
3
Changed the value of charge voltage accuracy from 0.5% to 1.53%
in the features.
Updated light load comparator, battery fault comparators, tR_ACOK
and fSW test conditions in Table 5: Electrical characteristics.
Updated IBATT_OC and IADP_OC parameters in Table 5: Electrical
characteristics.
Updated Table 7: Recommended operating conditions.
Changed the title of Table 16, Table 17, Table 18, Table 19 and
Table 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com