Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6613N Datasheet(PDF) 27 Page - STMicroelectronics

Part # PM6613N
Description  2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6613N Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PM6613N Datasheet HTML 22Page - STMicroelectronics PM6613N Datasheet HTML 23Page - STMicroelectronics PM6613N Datasheet HTML 24Page - STMicroelectronics PM6613N Datasheet HTML 25Page - STMicroelectronics PM6613N Datasheet HTML 26Page - STMicroelectronics PM6613N Datasheet HTML 27Page - STMicroelectronics PM6613N Datasheet HTML 28Page - STMicroelectronics PM6613N Datasheet HTML 29Page - STMicroelectronics PM6613N Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
DocID024974 Rev 3
27/30
PM6613N
Package mechanical data
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 21. VFQFPN 3x3x1.0 20 L pitch 0.4 package dimensions
Ref.
Min.
Typ.
Max.
A
0.8
0.90
1.00
A1
0.02
0.05
A2
0.65
1.00
A3
0.20
b
0.15
0.20
0.25
D
2.85
3.00
3.15
D1
1.60
D2
1.50
1.60
1.70
E
2.85
3.00
3.15
E1
1.60
E2
1.50
1.60
1.70
e
0.35
0.40
0.45
L
0.30
0.40
0.50
ddd
0.07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com