Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6613N Datasheet(PDF) 5 Page - STMicroelectronics

Part # PM6613N
Description  2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6613N Datasheet(HTML) 5 Page - STMicroelectronics

  PM6613N Datasheet HTML 1Page - STMicroelectronics PM6613N Datasheet HTML 2Page - STMicroelectronics PM6613N Datasheet HTML 3Page - STMicroelectronics PM6613N Datasheet HTML 4Page - STMicroelectronics PM6613N Datasheet HTML 5Page - STMicroelectronics PM6613N Datasheet HTML 6Page - STMicroelectronics PM6613N Datasheet HTML 7Page - STMicroelectronics PM6613N Datasheet HTML 8Page - STMicroelectronics PM6613N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
DocID024974 Rev 3
5/30
PM6613N
Pin description
2
Pin description
Table 2. Pin description
Pin
Name
Description
1PH
High-side power nMOS driver source. Connection to the high-side
nMOS source pin and low-side nMOS drain pin.
2HIGH
High-side power nMOS driver output. Connection to the high-side
nMOS gate pin. In critical application conditions, a series resistor can
be used to increase the nMOS turn-on/off time and to limit the phase
ringing, R = 4.7
Ω.
3BTST
High-side power nMOS driver power supply. Connection to 5 V power
supply voltage through a Schottky diode, and to the phase net
through a filtering capacitor.
4LOW
Low-side power nMOS driver output. Connection to the low-side
nMOS gate pin. In critical application conditions, a series resistor can
be used to increase the nMOS turn-on/off time and to limit the phase
ringing, R = 4.7
Ω.
5
GND
Device analog and power ground reference.
6DCIN
5 V input power supply. It is used to bias the internal logic and to
supply the internal power drivers. An RC filter is used to limit inrush
current and voltage spikes, typical value R=1
Ω, C=10 μF.
7
SRP
Battery charge current sense resistor positive pin.
8
SRN
Battery charge current sense resistor negative pin.
9BATFET
nMOS driver output. Connection to the BATFET nMOS gate pin,
through a series resistor used to limit the inrush current.
10
ACN
Input current sense resistor negative input. System power
connection.
11
ACP
Input current sense resistor positive input. RBFET nNMOS drain pin
connection.
12
ACDRV
nMOS driver output. Connection to the ACFET and RBFET nMOS
gate pin, through a series resistor used to limit the inrush current.
13
B2B
Output driven by AC adapter back-to-back MOS switches.
Connection to the ACFET and RBFET nMOS source pins.
14
ACDIV
Adapter detection pin. Adapter resistor divider connection.
15
ILIM
Battery charge current limit setting pin.
16
ACOK
AC adapter detection status pin. Open-drain pin.
It pulls high, when a valid adapter voltage is detected: 2 V < ACDIV <
2.625 V. It pulls low when ACDIV > 2.625 V or ACDIV < 2 V.
17
IOUT
Adapter/battery charge current output pin, selectable using SMBus
command. IOUT voltage is 20 times the differential voltage across
sense resistor.
18
ALARM#
Open-drain output pin. Low when a fault condition is detected, to
trigger the system microcontroller interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com