Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6613N Datasheet(PDF) 25 Page - STMicroelectronics

Part # PM6613N
Description  2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6613N Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PM6613N Datasheet HTML 21Page - STMicroelectronics PM6613N Datasheet HTML 22Page - STMicroelectronics PM6613N Datasheet HTML 23Page - STMicroelectronics PM6613N Datasheet HTML 24Page - STMicroelectronics PM6613N Datasheet HTML 25Page - STMicroelectronics PM6613N Datasheet HTML 26Page - STMicroelectronics PM6613N Datasheet HTML 27Page - STMicroelectronics PM6613N Datasheet HTML 28Page - STMicroelectronics PM6613N Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
DocID024974 Rev 3
25/30
PM6613N
The PM6613N registers
•
Bit 2 AOV: ACDIV overvoltage
–
set by hardware when the PM6613N detects an ACDIV pin voltage higher than
2.625 V
–
0: no ACDIV overvoltage detected
–
1: ACDIV overvoltage detected
•
Bit 1 AUV: ACDIV undervoltage
–
set by hardware when the PM6613N detects an ACDIV pin voltage lower than 2 V
–
0: no ACDIV undervoltage detected
–
1: ACDIV undervoltage detected
•
Bit 0 HS: high-side short
–
set by hardware when a short condition is detected between drain and source of
the high-side MOS
–
0: no short detected on high-side MOS
–
1: short detected on high-side MOS
5.3
Charge current register (CHRG_AMP)
Address: 0x14
Reset value: 0x0000
•
Bits 13:6 AMP[13:6]: charge current configuration bits
–
these bits are written by software and fix the amount of current to be delivered
when battery is charging. Values are in mA. The range goes from 64 mA when
AMP[13:6] = 0x0040 to 16320 mA when AMP[13:6] = 0x3FC0. Minimum step is 64
mA.
Table 18. CHRG_AMP 0x14
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
AMP[13:6]
Reserved
rw
rw
rw
rw
rw
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com