Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6613N Datasheet(PDF) 22 Page - STMicroelectronics

Part # PM6613N
Description  2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6613N Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PM6613N Datasheet HTML 18Page - STMicroelectronics PM6613N Datasheet HTML 19Page - STMicroelectronics PM6613N Datasheet HTML 20Page - STMicroelectronics PM6613N Datasheet HTML 21Page - STMicroelectronics PM6613N Datasheet HTML 22Page - STMicroelectronics PM6613N Datasheet HTML 23Page - STMicroelectronics PM6613N Datasheet HTML 24Page - STMicroelectronics PM6613N Datasheet HTML 25Page - STMicroelectronics PM6613N Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
The PM6613N registers
PM6613N
22/30
DocID024974 Rev 3
5
The PM6613N registers
5.1
Charge option register (CHRG_OPT)
Address: 0x12
Reset value: 0x7101
•
Bit 15 AD: ACOK deglitch
–
set by software to enable a delay for the adapter insertion
–
0: the PM6613N waits for 250 ms for adapter voltage detection
–
1: the PM6613N waits for a time < 50
μs for adapter voltage detection
•
Bit [14:13] WD: watchdog
–
set by software to enable and select the timeout of the PM6613N watchdog
–
00: watchdog disabled
–
01: enabled, timeout at 44 sec.
–
10: enabled, timeout at 88 sec.
–
11: enabled, timeout at 175 sec.
•
Bit 12 BSE: BATFET sleep enabled
–
set by software to control the BATFET selector behavior, when the PM6613N is in
sleep mode
–
0: BATFET disabled during sleep mode
–
1: BATFET enabled during sleep mode
•
Bit 11 PF: PWM frequency
–
set by software to select the working PWM frequency of the buck converter
–
0: PWM frequency set to 700 kHz
–
1: PWM frequency set to 350 kHz
•
Bit 10 EFA: EMI frequency adjustments
–
set by software in order to increase or decrease by 15% the PWM frequency of the
buck converter when EE bit is enabled
–
0: PWM frequency decreased by 15%
–
1: PWM frequency increased by 15%
Table 16. CHRG_OPT 0x12
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
AD
WD[1:0]
BSE
PF
EFA
EE
AM[1:0]
IS
SOVR BED ARED
CF
Res
CI
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com