Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6613N Datasheet(PDF) 23 Page - STMicroelectronics

Part # PM6613N
Description  2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6613N Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PM6613N Datasheet HTML 19Page - STMicroelectronics PM6613N Datasheet HTML 20Page - STMicroelectronics PM6613N Datasheet HTML 21Page - STMicroelectronics PM6613N Datasheet HTML 22Page - STMicroelectronics PM6613N Datasheet HTML 23Page - STMicroelectronics PM6613N Datasheet HTML 24Page - STMicroelectronics PM6613N Datasheet HTML 25Page - STMicroelectronics PM6613N Datasheet HTML 26Page - STMicroelectronics PM6613N Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
DocID024974 Rev 3
23/30
PM6613N
The PM6613N registers
•
Bit 9 EE: EMI enabled
–
set by software to enable the EMI reduction function
–
0: EMI disabled
–
1: EMI enabled
•
Bit 8:7 AM: asynchronous mode
–
set by software to choose the average charging current limit for passive
recirculation condition
–
00: 375 mA
–
01: 750 mA
–
10: 1125 mA
–
11: 1500 mA
•
Bit 6 IS: IOUT selection
–
set by software to choose which current has to be monitored through the IOUT pin
–
0: adapter current
–
1: battery current
•
Bit 5 SOVR: selector override
–
set by software to enable the external control of the RBFET/BATFET selectors.
Once set, RBFET/BATFET can be controlled by bits 3 and 4
–
0: override enabled
–
1: override disabled
•
Bit 4 BED: BATFET external driver
–
set by software to control the external selector BATFET. OVR bit has to be set, in
order to control BATFET
–
0: open BATFET
–
1: close BATFET
•
Bit 3 ARED: ACFET/RBFET external driver
–
set by software to control the external selectors ACFET/RBFET. OVR bit has to be
set, in order to control ACFET/RBFET
–
0: open ACFET/RBFET selectors
–
1: close ACFET/RBFET selectors
•
Bit 2 CF: clear fault
–
set by software to clear the STATUS register. The bit is cleared once the process
has been executed
–
0: STATUS register unchanged
–
1: clear STATUS register
•
Bit 1 reserved, read as 0
•
Bit 0 CI: charge inhibited
–
set by software to inhibit the charging process
–
0: charge enabled
–
1: charge inhibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com