Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6613N Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM6613N
Description  2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6613N Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM6613N Datasheet HTML 9Page - STMicroelectronics PM6613N Datasheet HTML 10Page - STMicroelectronics PM6613N Datasheet HTML 11Page - STMicroelectronics PM6613N Datasheet HTML 12Page - STMicroelectronics PM6613N Datasheet HTML 13Page - STMicroelectronics PM6613N Datasheet HTML 14Page - STMicroelectronics PM6613N Datasheet HTML 15Page - STMicroelectronics PM6613N Datasheet HTML 16Page - STMicroelectronics PM6613N Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
DocID024974 Rev 3
13/30
PM6613N
Electrical characteristics
3.3
Recommended operating conditions
(DCIN = 5 V, Tj = 25 °C unless otherwise specified)
Table 7. Recommended operating conditions
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Unit
Supply voltage
DCINOP
DCIN input voltage operating
range
4.5
5.5
V
VADP
Adapter maximum voltage
24
V
Charging voltage
VCELL
Cell charge voltage
Li-Ion
4
4.508
V/cell
LiFePO4
3.4
3.908
VBATT
Charge voltage range
6.8
18.032
V
Charging current
ICHG
Buck converter regulated charge
current range
RSENSE = 10 mΩ
0.128
16.320
A
A2B adapter to battery comparator
A2BTH
A2B rising threshold
0.35
0.45
0.55
V
IA2B
A2B sink current from B2B pin
12
14
16
μA
Adapter current sense amplifier
IADP_CM
IADP input common mode
minimum voltage
2.5
V
Battery current sense amplifier
IBATT_CM
IBATT input common mode
minimum voltage
2.5
V
Thermal protection
TSHUT
Temperature rising threshold for
disabling charge
160
°C
TSHUT_H
Thermal shutdown temperature
hysteresis
10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com