Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974AD Datasheet(PDF) 14 Page - STMicroelectronics

Part # A5974AD
Description  Zero load current operation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974AD Datasheet(HTML) 14 Page - STMicroelectronics

Back Button A5974AD Datasheet HTML 10Page - STMicroelectronics A5974AD Datasheet HTML 11Page - STMicroelectronics A5974AD Datasheet HTML 12Page - STMicroelectronics A5974AD Datasheet HTML 13Page - STMicroelectronics A5974AD Datasheet HTML 14Page - STMicroelectronics A5974AD Datasheet HTML 15Page - STMicroelectronics A5974AD Datasheet HTML 16Page - STMicroelectronics A5974AD Datasheet HTML 17Page - STMicroelectronics A5974AD Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Functional description
A5974AD
14/49
Doc ID 018762 Rev 1
Figure 6.
Synchronization example
5.4
Current protection
The A5974AD features two types of current limit protection; pulse-by-pulse and frequency
foldback.
The schematic of the current limitation circuitry for the pulse-by-pulse protection is shown in
Figure 7. The output power PDMOS transistor is split into two parallel PDMOS transistors.
The smallest one includes a resistor in series, RSENSE. The current is sensed through
RSENSE and, if it reaches the threshold, the mirror becomes unbalanced and the PDMOS is
switched off until the next falling edge of the internal clock pulse. Due to this reduction of the
ON time, the output voltage decreases. As the minimum switch-on time necessary to sense
the current, in order to avoid a false overcurrent signal, is too short to obtain a sufficiently
low duty cycle at 500 kHz (see Section 8.4), the output current in strong overcurrent or
short-circuit conditions may not be properly limited. For this reason, the switching frequency
is also reduced, therefore keeping the inductor current under its maximum threshold. The
frequency shifter (Figure 5) functions based on the feedback voltage. As the feedback
voltage decreases (due to the reduced duty cycle), the switching frequency decreases also.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com