Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974AD Datasheet(PDF) 32 Page - STMicroelectronics

Part # A5974AD
Description  Zero load current operation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974AD Datasheet(HTML) 32 Page - STMicroelectronics

Back Button A5974AD Datasheet HTML 28Page - STMicroelectronics A5974AD Datasheet HTML 29Page - STMicroelectronics A5974AD Datasheet HTML 30Page - STMicroelectronics A5974AD Datasheet HTML 31Page - STMicroelectronics A5974AD Datasheet HTML 32Page - STMicroelectronics A5974AD Datasheet HTML 33Page - STMicroelectronics A5974AD Datasheet HTML 34Page - STMicroelectronics A5974AD Datasheet HTML 35Page - STMicroelectronics A5974AD Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Application information
A5974AD
32/49
Doc ID 018762 Rev 1
the inductor and the VFW of the free-wheeling diode) while during TON, the voltage applied
to the inductor is instead maximized as approximately equal to VIN.
So, Equation 29 and the 30 in overcurrent conditions can be simplified to:
Equation 31
considering TON, which has already been reduced to its minimum.
Equation 32
considering that fSW has already been reduced to one third of the nominal.
In case a short-circuit at the output is applied, and VIN = 12 V, the inductor current is
controlled in most of the applications (see Figure 18). When the application must sustain the
short-circuit condition for an extended period, the external components (mainly the inductor
and diode) must be selected based on this value.
In case the VIN is very high, it could occur that the ripple current during TOFF (Equation 32)
does not compensate the current increase during TON(Equation 31). Figure 20 shows an
example of a power-up phase with VIN = VIN MAX = 36 V where ΔIL TON > ΔIL TOFF so the
current escalates and the balance between Equation 31 and 32 occurs at a current slightly
higher than the current limit. This must be taken into account in particular to avoid the risk of
an abrupt inductor saturation.
Figure 18.
Short-circuit current VIN = 12 V
I
L TON
Δ
V
IN
DCR
L
R
DS(on)
+
() I
⋅
–
L
------------------------------------------------------------------ T
ON MIN
()
V
IN
L
--------- 250ns
()
≅
=
I
L TOFF
Δ
V
D
V
out
DCR
L
I
⋅
++
()
–
L
-------------------------------------------------------------- 3T
⋅
SW
()
V
D
V
out
DCR
L
I
⋅
++
()
–
L
-------------------------------------------------------------- 12
μs
()
≅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com