Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974AD Datasheet(PDF) 27 Page - STMicroelectronics

Part # A5974AD
Description  Zero load current operation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974AD Datasheet(HTML) 27 Page - STMicroelectronics

Back Button A5974AD Datasheet HTML 23Page - STMicroelectronics A5974AD Datasheet HTML 24Page - STMicroelectronics A5974AD Datasheet HTML 25Page - STMicroelectronics A5974AD Datasheet HTML 26Page - STMicroelectronics A5974AD Datasheet HTML 27Page - STMicroelectronics A5974AD Datasheet HTML 28Page - STMicroelectronics A5974AD Datasheet HTML 29Page - STMicroelectronics A5974AD Datasheet HTML 30Page - STMicroelectronics A5974AD Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
A5974AD
Application information
Doc ID 018762 Rev 1
27/49
Figure 13.
Layout example
8.3
Thermal considerations
8.3.1
Thermal resistance RTHJ-A
RTHJ-A is the equivalent static thermal resistance junction-to-ambient of the device; it can be
calculated as the parallel of many paths of heat conduction from the junction to the ambient.
For this device, the path through the exposed pad is the one conducting the largest amount
of heat. The static RTHJ-A measured on the application is about 40 °C/W.
The junction temperature of device is:
Equation 22
The dissipated power of the device is tied to three different sources:
●
Conduction losses due to the not insignificant RDS(on), which are equal to:
Equation 23
where D is the duty cycle of the application. Note that the duty cycle is theoretically given by
the ratio between VOUT and VIN, but in practice it is substantially higher than this value to
compensate for the losses in the overall application. For this reason, the switching losses
related to the RDS(on) increases compared to an ideal case.
●
Switching losses due to turning on and off. These are derived using the following
equation:
Equation 24
T
J
T
A
R
thJA
P
TOT
⋅
+
=
P
ON
R
DS on
()
I
OUT
()
⋅
2
D
⋅
=
P
SW
V
IN
I
OUT
T
ON
T
OFF
+
()
2
------------------------------------ F
SW
V
IN
=
I
OUT
T
SW
F
SW
⋅⋅
⋅
⋅
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com