Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974AD Datasheet(PDF) 24 Page - STMicroelectronics

Part # A5974AD
Description  Zero load current operation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974AD Datasheet(HTML) 24 Page - STMicroelectronics

Back Button A5974AD Datasheet HTML 20Page - STMicroelectronics A5974AD Datasheet HTML 21Page - STMicroelectronics A5974AD Datasheet HTML 22Page - STMicroelectronics A5974AD Datasheet HTML 23Page - STMicroelectronics A5974AD Datasheet HTML 24Page - STMicroelectronics A5974AD Datasheet HTML 25Page - STMicroelectronics A5974AD Datasheet HTML 26Page - STMicroelectronics A5974AD Datasheet HTML 27Page - STMicroelectronics A5974AD Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
Application information
A5974AD
24/49
Doc ID 018762 Rev 1
8
Application information
8.1
Component selection
●
Input capacitor
The input capacitor must be able to support the maximum input operating voltage and the
maximum RMS input current.
As step-down converters draw current from the input in pulses, the input current is squared
and the height of each pulse is equal to the output current. The input capacitor has to
absorb all this switching current, which can be up to the load current divided by two (worst
case, with duty cycle of 50%). For this reason, the quality of these capacitors must be very
high to minimize the power dissipation generated by the internal ESR, thereby improving
system reliability and efficiency. The critical parameter is usually the RMS current rating,
which must be higher than the RMS input current. The maximum RMS input current (flowing
through the input capacitor) is:
Equation 17
where
η is the expected system efficiency, D is the duty cycle and I
O is the output DC
current. This function reaches its maximum value at D = 0.5 and the equivalent RMS current
is equal to IO divided by 2 (considering η = 1). The maximum and minimum duty cycles are:
Equation 18
and
Equation 19
where VF is the freewheeling diode forward voltage and VSW the voltage drop across the
internal PDMOS. Considering the range DMIN to DMAX, it is possible to determine the max.
IRMS going through the input capacitor. Capacitors that can be considered are:
●
Electrolytic capacitors:
These are widely used due to their low price and their availability in a wide range of RMS
current ratings.
The only drawback is that, considering ripple current rating requirements, they are physically
larger than other capacitors.
●
Ceramic capacitors:
If available for the required value and voltage rating, these capacitors usually have a higher
RMS current rating for a given physical dimension (due to very low ESR).
The drawback is the considerably high cost.
I
RMS
I
O
D
2D
2
⋅
η
---------------
–
D
2
η
2
-------
+
⋅
=
D
MAX
V
OUT
V
F
+
V
INMIN
V
SW
–
-------------------------------------
=
D
MIN
V
OUT
V
F
+
V
INMAX
V
SW
–
--------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com