Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974AD Datasheet(PDF) 34 Page - STMicroelectronics

Part # A5974AD
Description  Zero load current operation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974AD Datasheet(HTML) 34 Page - STMicroelectronics

Back Button A5974AD Datasheet HTML 30Page - STMicroelectronics A5974AD Datasheet HTML 31Page - STMicroelectronics A5974AD Datasheet HTML 32Page - STMicroelectronics A5974AD Datasheet HTML 33Page - STMicroelectronics A5974AD Datasheet HTML 34Page - STMicroelectronics A5974AD Datasheet HTML 35Page - STMicroelectronics A5974AD Datasheet HTML 36Page - STMicroelectronics A5974AD Datasheet HTML 37Page - STMicroelectronics A5974AD Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Application information
A5974AD
34/49
Doc ID 018762 Rev 1
8.5
Application circuit
Figure 21 shows the demonstration board application circuit, where the input supply voltage,
VCC, can range from 4 V to 36 V and the output voltage is adjustable from 1.235 V to 6.3 V
due to the voltage rating of the output capacitor.
Figure 21.
Demonstration board application circuit
Table 9.
Component list
Reference
Part number
Description
Manufacturer
C1
UMK325BJ106MM-T
10 µF, 50 V
Taiyo Yuden
C2
68 nF, 5%, 0603
C3
150 pF, 5%, 0603
C4
22 nF, 5%, 0603
C10
POSCAP 6TVB330ML
330 µF, 25 m
Ω
Sanyo
R1
5.6 k
Ω, 1%, 0.1 W 0603
R2
3.3 k
Ω, 1%, 0.1 W 0603
R3
4.7 k
Ω, 1%, 0.1 W 0603
D1
STPS3L40U
3 A, 40 V
STMicroelectronics
L1
MSS1246T-123ML
12 µH, IRMS 20°C 3 A
Coilcraft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com