Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974AD Datasheet(PDF) 40 Page - STMicroelectronics

Part # A5974AD
Description  Zero load current operation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974AD Datasheet(HTML) 40 Page - STMicroelectronics

Back Button A5974AD Datasheet HTML 36Page - STMicroelectronics A5974AD Datasheet HTML 37Page - STMicroelectronics A5974AD Datasheet HTML 38Page - STMicroelectronics A5974AD Datasheet HTML 39Page - STMicroelectronics A5974AD Datasheet HTML 40Page - STMicroelectronics A5974AD Datasheet HTML 41Page - STMicroelectronics A5974AD Datasheet HTML 42Page - STMicroelectronics A5974AD Datasheet HTML 43Page - STMicroelectronics A5974AD Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
Application information
A5974AD
40/49
Doc ID 018762 Rev 1
As a consequence, the maximum output current is:
Equation 46
where ISW MAX represents the rated current of the device.
Figure 28 shows a tested circuit to implement a boost current source for high current LED
driving (350 mA). To implement a boost conversion the LED string must be composed of a
minimum device number having a total voltage drop larger than maximum input voltage.
The input voltage can be either DC or AC thanks to the input bridge rectifier. In the case of a
DC voltage source D1, D2, D3, D4, C1, and C2 can be removed from the circuit and 1 μF
capacitor value can be used for C5.
8.9
Synchronization example
See Section 5.3 for details.
Figure 29.
Synchronization example
8.10
Compensation network with MLCC at the output
The A5974AD standard compensation network (please refer to Figure 1 and Section 7)
introduces a single zero and a low frequency pole in the system bandwidth, so a high ESR
output capacitor must be selected to compensate the 180-degree phase shift given by the
LC double pole.
The selection of the output capacitor must guarantee that the zero introduced by this
component is inside the designed system bandwidth and close to the frequency of the
double pole introduced by the LC filter. A general rule for the selection of this compound for
the system stability is provided in Equation 47.
Equation 47
I
OUT MAX
I
SW MAX
1D
–
()
⋅
≅
AM09655v1
A5974AD
A5974AD
f
Z ESR
1
2
π ESR C
OUT
⋅⋅
⋅
------------------------------------------------
=
bandwidth
<
f
LC
f
<
Z ESR
10 f
LC
⋅
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com