Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974AD Datasheet(PDF) 25 Page - STMicroelectronics

Part # A5974AD
Description  Zero load current operation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974AD Datasheet(HTML) 25 Page - STMicroelectronics

Back Button A5974AD Datasheet HTML 21Page - STMicroelectronics A5974AD Datasheet HTML 22Page - STMicroelectronics A5974AD Datasheet HTML 23Page - STMicroelectronics A5974AD Datasheet HTML 24Page - STMicroelectronics A5974AD Datasheet HTML 25Page - STMicroelectronics A5974AD Datasheet HTML 26Page - STMicroelectronics A5974AD Datasheet HTML 27Page - STMicroelectronics A5974AD Datasheet HTML 28Page - STMicroelectronics A5974AD Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
A5974AD
Application information
Doc ID 018762 Rev 1
25/49
●
Tantalum capacitors:
Very good, small tantalum capacitors with very low ESR are becoming more available.
However, they can occasionally burn if subjected to very high current during charge
Therefore, it is better to avoid this type of capacitor for the input filter of the device. They can,
however, be subjected to high surge current when connected to the power supply
●
Output capacitor
The output capacitor is very important to meet the output voltage ripple requirement.
Using a small inductor value is useful to reduce the size of the choke but it increases the
current ripple. So, to reduce the output voltage ripple, a low ESR capacitor is required.
Nevertheless, the ESR of the output capacitor introduces a zero in the open loop gain,
which helps to increase the phase margin of the system. If the zero goes to a very high
frequency, its effect is negligible. For this reason, ceramic capacitors and very low ESR
capacitors in general should be avoided.
Tantalum and electrolytic capacitors are usually a good choice for this purpose. A list of
some tantalum capacitor manufacturers is provided in Table 7.
●
Inductor
The inductor value is very important as it fixes the ripple current flowing through the output
capacitor. The ripple current is usually fixed at 20 - 40% of IOmax, which is 0.6 - 1.2 A with
IOmax = 3 A. The approximate inductor value is obtained using the following formula:
Equation 20
Table 6.
List of ceramic capacitors for the A5974AD
Manufacturer
Series
Capacitor value (µ)
Rated voltage (V)
TAIYO YUDEN
UMK325BJ106MM-T
10
50
MURATA
GRM42-2 X7R 475K 50
4.7
50
Table 7.
Output capacitor selection
Manufacturer
Series
Cap value (µF)
Rated voltage (V)
ESR (m
Ω)
Sanyo POSCAP(1)
1.
POSCAP capacitors have some characteristics which are very similar to tantalum.
TAE
47 to 680
2.5 to 10
25 to 35
TV
68 to 330
4 to 6.3
25 to 40
AVX
TPS
100 to 470
4 to 35
50 to 200
KEMET
T494/5
100 to 470
4 to 20
30 to 200
Sprague
595D
220 to 390
4 to 20
160 to 650
L
V
IN
V
OUT
–
()
ΔI
---------------------------------- T
ON
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com