Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974AD Datasheet(PDF) 28 Page - STMicroelectronics

Part # A5974AD
Description  Zero load current operation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974AD Datasheet(HTML) 28 Page - STMicroelectronics

Back Button A5974AD Datasheet HTML 24Page - STMicroelectronics A5974AD Datasheet HTML 25Page - STMicroelectronics A5974AD Datasheet HTML 26Page - STMicroelectronics A5974AD Datasheet HTML 27Page - STMicroelectronics A5974AD Datasheet HTML 28Page - STMicroelectronics A5974AD Datasheet HTML 29Page - STMicroelectronics A5974AD Datasheet HTML 30Page - STMicroelectronics A5974AD Datasheet HTML 31Page - STMicroelectronics A5974AD Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Application information
A5974AD
28/49
Doc ID 018762 Rev 1
where TRISE and TFALL represent the switching times of the power element that cause the
switching losses when driving an inductive load (see Figure 14). TSW is the equivalent
switching time.
Figure 14.
Switching losses
●
Quiescent current losses.
Equation 25
where IQ is the quiescent current.
Example:
–VIN = 12 V
–VOUT = 3.3 V
–IOUT = 2A
RDS(on) has a typical value of 0.25 @ 25 °C and increases up to a maximum value of 0.5. @
150 °C. We can consider a value of 0.4
Ω.
TSW is approximately 70 ns.
IQ has a typical value of 5 mA @ VIN = 12 V.
The overall losses are:
Equation 26
The junction temperature of the device is:
Equation 27
P
Q
V
IN
I
Q
⋅
=
P
TOT
R
DSON
I
OUT
()
⋅
2
DV
IN
I
OUT
T
SW
F
SW
V
IN
I
Q=
⋅
+
⋅⋅
⋅
+
⋅
=
0.4 2
2
0.3
12 2 70 10
9
–
500 10
3
12510
3
–
⋅⋅
+
⋅⋅
⋅
⋅
⋅
+
⋅⋅
1.38W
≅
=
T
J
T
A
R
thJA
P
TOT
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com