Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974AD Datasheet(PDF) 37 Page - STMicroelectronics

Part # A5974AD
Description  Zero load current operation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974AD Datasheet(HTML) 37 Page - STMicroelectronics

Back Button A5974AD Datasheet HTML 33Page - STMicroelectronics A5974AD Datasheet HTML 34Page - STMicroelectronics A5974AD Datasheet HTML 35Page - STMicroelectronics A5974AD Datasheet HTML 36Page - STMicroelectronics A5974AD Datasheet HTML 37Page - STMicroelectronics A5974AD Datasheet HTML 38Page - STMicroelectronics A5974AD Datasheet HTML 39Page - STMicroelectronics A5974AD Datasheet HTML 40Page - STMicroelectronics A5974AD Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
A5974AD
Application information
Doc ID 018762 Rev 1
37/49
Figure 25.
Positive buck-boost regulator
8.7
Negative buck-boost regulator
In Figure 26, the schematic circuit for a standard buck-boost topology is shown. The output
voltage is:
Equation 38
where the ideal duty cycle D for the buck-boost converter is:
Equation 39
The considerations given in Section 8.7 for the real duty cycle are still valid here. Also
Equation 35 to 37 can be used to calculate the maximum output current. So, for example,
considering the conversion VIN = 12 V to VOUT = -5 V, ILOAD = 0.5 A:
Equation 40
Equation 41
An important point to take into account is that the ground pin of the device is connected to
the negative output voltage. Therefore, the device is subjected to a voltage equal to VIN-VO,
which must be lower than 36 V (the maximum operating input voltage).
AM09690v1
10V
A5974AD
4.7
6.8
6
470
ESR>35m
Ω
V
OUT
V
IN
–
D
1D
–
-------------
⋅
=
D
V
–
OUT
V
IN
V
OUT
–
------------------------------
=
D
5
512
+
----------------
0.706
==
I
SW
I
LOAD
1D
–
---------------
0.5
10.706
–
------------------------
1.7A
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com