Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5975AD Datasheet(PDF) 10 Page - STMicroelectronics

Part # A5975AD
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975AD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button A5975AD Datasheet HTML 6Page - STMicroelectronics A5975AD Datasheet HTML 7Page - STMicroelectronics A5975AD Datasheet HTML 8Page - STMicroelectronics A5975AD Datasheet HTML 9Page - STMicroelectronics A5975AD Datasheet HTML 10Page - STMicroelectronics A5975AD Datasheet HTML 11Page - STMicroelectronics A5975AD Datasheet HTML 12Page - STMicroelectronics A5975AD Datasheet HTML 13Page - STMicroelectronics A5975AD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Datasheet parameters over the temperature range
A5975AD
10/50
Doc ID 018761 Rev 1
4
Datasheet parameters over the temperature range
100% of the population in the production flow is tested at three different ambient
temperatures (-40
°C, +25 °C, +125 °C) to guarantee the datasheet parameters inside the
junction temperature range (-40
°C; +125 °C).
The device operation is guaranteed when the junction temperature is inside the (-40
°C;
+150
°C) temperature range. The user can estimate the silicon temperature increase with
respect to the ambient temperature evaluating the internal power losses generated during
device operation (please refer to Section 2.2).
However, the embedded thermal protection disables the switching activity to protect the
device in case the junction temperature reaches the TSHTDWN (+150 °C±10 °C)
temperature.
All the datasheet parameters can be guaranteed to a maximum junction temperature of
+125
°C, to avoid triggering the thermal shutdown protection during the testing phase due to
self heating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com